Electronic Components Datasheet Search
  English  ▼

X  

DI-52 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-52
Description  60 W DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-52 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-52 Datasheet HTML 1Page - Power Integrations, Inc. DI-52 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U1
DPA426R
1
4
T1
5
2
C5
0.22 µF
VR1
SMBJ
150 A
C6
68 µF
10 V
C7 1 nF
1.5 kV
R14
10 Ω
U2
PC357
NT
R3
11 kΩ
1%
R1
619 kΩ
1%
R4
1.0 Ω
C25
1 µF
50 V
-VIN
D3
BAV19WS
D4
BAV19WS
C8
1 µF
Q2
Si4486
Q1
Si4486
C21
2.2 nF
VR21
15 V
VR20
15 V
C1-C4
0.22 µF
100 V
C9
150 pF
200 V
D2
ESD1
D1
ESD1
DL
SX
F
C
CONTROL
CONTROL
PI-3550-062403
DPA-Switch
RTN
12 V, 5 A
U2
D3
BAV19WS
U3
LMV431
AIM5X
R9
220 Ω
R11
10 kΩ
1%
R10
38 kΩ
1%
R12
5.1 Ω
C23
100 µF
16 V
C24
100 µF
16 V
D20
12 CWQ
10 FN
R7
10 kΩ
C17
1 µF
C15
10 µF
10 V
C13
100 nF
R6
150 Ω
L4
40 µH
L3
2.2 mH
40 mA
+ VIN
36-75 VDC
6,7
10,9
4,5
9,8
L1
1 µH
2.5 A
L2
220 µH
C20
1 nF
R21
10 Ω
R24
10 kΩ
R22
10 kΩ
R23
10 Ω
R20
0.5 Ω
1 W
C22
1 nF
www.powerint.com
Design Idea DI-52
DPA-Switch
60 W DC-DC Converter
July 2003
DI-52
Application
Telecom
DPA426R
12 V
Power Output
60 W
Input Voltage
Output Voltage
Topology
Device
36-75 VDC
Forward Sync. Rect.
Figure 1. DPA426R - 60 W, 12 V, 5 A, DC-DC Converter.
.
Design Highlights
• Low component count
• High efficiency: 91.5% at 36 VDC using synchronous
rectification
• Capacitor coupled synchronous rectification allows higher
output voltages without overstressing MOSFET gates
• No current sense resistor or current transformer required
• Output overload, open loop and thermal protection
• 300 kHz switching frequency to allow sufficient
transformer reset time
• 3.55 x 2.1 x 0.6 inch (approx. 13.4 W/cubic inch)
Operation
DPA-Switch greatly simplifies the design compared to a discrete
implementation. The capacitor coupled synchronous rectifier
drive used in this design is useful for higher voltage outputs, still
allowing passive MOSFET drive without gate overvoltage,
which would result from direct resistor drive.
Resistor R1 programs the under/over voltages and linearly
reduces the maximum duty cycle with input voltage to
prevent core saturation during load transients. Components
D1, D2, C9, and L2 implement a resonant clamp circuit to
catch and re-circulate the transformer leakage energy during
normal operation, with Zener VR1 providing absolute
clamping for transient conditions.
Capacitor C21 charges the gate of Q2, the forward synchronous
rectifier MOSFET. Resistor R21 limits gate oscillation and
R22 provides gate pull down. Zener diode VR20 limits the
Q2 gate voltage during conduction and also reverse charges
(resets) C21 during the Q2 off time.
A similar drive technique is used for the catch synchronous
rectifier MOSFET Q1 (with C22, R23, R24, and VR21).
MOSFET Q1 is driven by the transformer (T1) reset voltage
and operates only when Q2 is off. Diode D20 provides a
®
™


Similar Part No. - DI-52

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
50 W DC-DC Dual Output Converter
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
19.2 W DC-DC Converter
DI-57 POWERINT-DI-57 Datasheet
57Kb / 2P
60 W DC-DC Converter
More results

Similar Description - DI-52

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-57 POWERINT-DI-57 Datasheet
57Kb / 2P
60 W DC-DC Converter
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z Datasheet
562Kb / 5P
60 Watt | DC-DC Converter
logo
Wall Industries,Inc.
MPQ24S15-50C WALL-MPQ24S15-50C Datasheet
660Kb / 11P
60 W DC-DC Converter
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
8 W DC-DC Converter
logo
Power Mate Technology C...
FEC60 P-DUKE-FEC60_14 Datasheet
483Kb / 3P
60 WATTS DC-DC CONVERTER
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z_16 Datasheet
567Kb / 5P
60 Watt | DC-DC Converter
logo
HY-LINE Power Component...
P60A243R3S HY-LINE-P60A243R3S Datasheet
853Kb / 4P
60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60D2405S HY-LINE-P60D2405S Datasheet
1Mb / 6P
60 W DC-DC Converter P60D-Series
Rev: 20181004 f
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com