Electronic Components Datasheet Search
  English  ▼

X  

TDA3616SF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA3616SF
Description  Multiple voltage regulator with battery detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3616SF Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA3616SF Datasheet HTML 1Page - NXP Semiconductors TDA3616SF Datasheet HTML 2Page - NXP Semiconductors TDA3616SF Datasheet HTML 3Page - NXP Semiconductors TDA3616SF Datasheet HTML 4Page - NXP Semiconductors TDA3616SF Datasheet HTML 5Page - NXP Semiconductors TDA3616SF Datasheet HTML 6Page - NXP Semiconductors TDA3616SF Datasheet HTML 7Page - NXP Semiconductors TDA3616SF Datasheet HTML 8Page - NXP Semiconductors TDA3616SF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2000 Jan 14
3
Philips Semiconductors
Objective specification
Multiple voltage regulator with battery
detection
TDA3616
ORDERING INFORMATION
BLOCK DIAGRAM
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA3616T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
TDA3616SF
SIL9MP
plastic single in-line medium power package with fin; 9 leads
SOT110-1
handbook, full pagewidth
MGL933
REGULATOR
LOAD DUMP
PROTECTION
BACKUP SWITCH
REFERENCE
7 (9)
&
GND
TDA3616T
REG
REG
RES2
RES1
(14.4 V)
(1) 14
(3) 16
BU
(5) 18
BATTERY
BUFFER
VO(bat)
VI(bat)
VC
VP
(2) 15
(7) 5
4 (6)
6 (8)
7
4
17 (4)
i.c.
1, 10,
11, 20
n.c.
2, 3, 8, 9,
12, 13, 19
3.1
k
Ω
3.1
k
Ω
47 k
Ω
Fig.1 Block diagram.
The pin numbers given in parenthesis refer to the TDA3616SF version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com