Electronic Components Datasheet Search
  English  ▼

X  

DI-53 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-53
Description  50 W DC-DC Dual Output Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-53 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-53 Datasheet HTML 1Page - Power Integrations, Inc. DI-53 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-53
DPA-Switch
50 W DC-DC Dual Output Converter
July 2003
DI-53
Application
Telecom
DPA425R
5 V & 3.3 V
Power Output
50 W
Input Voltage
Output Voltage
Topology
Device
36-75 VDC
Forward Sync. Rect.
Figure 1. DPA425R - 50 W, 5 V, 6 A and 3.3 V, 6 A DC-DC Converter.
.
®
™
Design Highlights
• High efficiency: 90% at 36 VDC using synchronous
rectification
• Dual output with tight cross-regulation
±4% from zero to
full load on both outputs
• Output overload, open loop and thermal protection
• 300 kHz switching frequency to allow sufficient
transformer reset time with sync rectification
• 3.85 x 2.25 x 0.6 inch (~9.62 W/in3)
Operation
DPA-Switch greatly simplifies the design compared to a discrete
implementation. This design uses a coupled output inductor and
synchronous rectification to achieve excellent cross-regulation
and high efficiency.
Resistor R1 programs the under/over voltages and linearly
reduces the maximum duty cycle with input voltage to prevent
core saturation during load transients. Components D1, D2, C9
and L2 implement a resonant clamp circuit to catch and
recirculate the transformer leakage energy during normal
operation, with Zener VR1 providing absolute clamping for
transient conditions.
Capacitor C21 charges the gate of Q2, the forward synchronous
rectifier MOSFET of the 5 V output. Resistor R21 limits gate
oscillation and R22 provides gate pull-down. Zener diode
VR20 limits the Q2 gate voltage during conduction and also
reverse charges C21 during the Q2 off time. The same drive
technique is used for the forward synchronous rectifier
MOSFET (Q4) of the 3.3 V output (with C22, R24, R25, and
VR21).
MOSFETs Q1 and Q3 are driven via resistors R23 and R26
from the transformer (T1) reset voltage and operate only
when Q2 and Q4 are off. Diodes D20 and D21 provide a
conduction path for the output inductor (L4) current when the
transformer reset is complete.
A winding on the coupled inductor L4, along with diode D4
and capacitor C9, provide the DPA-Switch bias voltage.
U1
DPA425R
D20
D4
D21
1
4,5
2,3
10
C5
0.22 µF
C9
4.7 µF
16 V
C7
1 nF
1.5 kV
C9
150 pF
200 V
VR1
SMBJ
150 A
C6
68 µF
10 V
U2
PC267
N1T
R3
15 kΩ
1%
R1
619 kΩ
1%
R4
1.0 Ω
-VIN
L1
1 µH
2.5 A
C1-C3
1 µF
100 V
DL
SX
F
C
CONTROL
CONTROL
PI-3561-072203
DPA-Switch
RTN
5 V, 6 A
(8 A pk)
3.3 V, 6 A
(8 A pk)
U2
D3
BAV19WS
U3
LM431
AIM3X
R9
220 Ω
R11
10.0 kΩ
1%
R12
15.9 kΩ
1%
R10
8.66 kΩ
1%
R12
5.1 Ω
R7
10 kΩ
C23-C26
100 µF
10 V
C21-C22
4700 pF
C20
3.3 nF
C27
1 µF
C28
1 µF
C14
1 µF
C15
10 µF
10 V
C16
100 nF
R6
150 Ω
R21
10 Ω
+ VIN
36-75 VDC
8,9
T1
6,7
L2
220 µH
L4
3.5 µH
D1
ES1D
D2
ES1D
R20
3.3 Ω
R23
10 Ω
R26
10 Ω
R24
10 Ω
R25
10 kΩ
R22
10 kΩ
VR21
15 V
VR20
15 V
Q1
Q3
Q4
Q2
9,10
7,8
1,2
3,4
56


Similar Part No. - DI-53

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DI-52 POWERINT-DI-52 Datasheet
374Kb / 2P
60 W DC-DC Converter
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
19.2 W DC-DC Converter
DI-57 POWERINT-DI-57 Datasheet
57Kb / 2P
60 W DC-DC Converter
More results

Similar Description - DI-53

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VSX50MD23 CANDD-VSX50MD23 Datasheet
682Kb / 5P
50 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
45-W Dual-Output Isolated DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
DUAL OUTPUT DC-DC CONVERTER
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
DUAL OUTPUT DC-DC CONVERTER
VRA2405LD-30WR2 MORNSUN-VRA2405LD-30WR2 Datasheet
1Mb / 7P
DUAL OUTPUT DC-DC CONVERTER
logo
Bel Fuse Inc.
RQB-50Y BEL-RQB-50Y Datasheet
1Mb / 14P
50 W Isolated DC-DC Converter
25 April 2022
RQB-50Y BEL-RQB-50Y_V01 Datasheet
1Mb / 14P
50 W Isolated DC-DC Converter
05 December 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com