Electronic Components Datasheet Search
  English  ▼

X  

DI-55 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-55
Description  20 W (25 W peak) DVD Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-55 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-55 Datasheet HTML 1Page - Power Integrations, Inc. DI-55 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
DVD
TOP245P
20 W (25 W pk)
85-265 VAC
3.3 V / 5 V / 12 V / -24 V
Flyback
www.powerint.com
Design Idea DI-55
TOPSwitch-GX
20 W (25 W peak) DVD Supply
July 2006
DI-55
Figure 1. 20 W Multiple Output DVD Supply.
®
Design Highlights
• Simple, low cost, low part count solution
• No heatsinks required
• Low EMI-frequency jitter allows EN55022B/FCC B
compliance with simple EMI filter
• High efficiency, >75% at 90 VAC
• Low zero load power consumption, <100 mW at
230 VAC
• Low standby power consumption, <1 W input at 0.5 W
output, 230 VAC
• Excellent cross-regulation
• Differential and common mode surge immunity to 3 kV
(EN 61000-4-5)
Operation
The TOP245P selected for the design in Figure 1 is ideal for
DVD and set-top box applications. The P package removes the
need for a heatsink while still delivering 20 W/25 W peak at
an ambient temperature of 50 °C.
TheexternalcurrentlimitprogrammingandremoteON/OFF
(inhibit) functions of the M pin allow current mode control
and reduced switching frequency at light and no-load condi-
tions. Current mode control is implemented by R2, Q3, R3,
C16, R4 and R6.
Feedback current above ~2 mA(U1 supply current) forward
biases Q3 and pulls up R6. This adjusts the sink current out
of the M pin, thereby allowing the output voltage feedback
loop to control the primary switch current.
Resistor R6 sets the maximum current limit, while R2 and
C16 provide slope compensation. The value of R4 is chosen
to ensure that current does not flow into the M pin, enabling
the line sensing features of the pin. The current out of the
M pin falls as the load is reduced until the M pin inhibit
threshold is reached. The supply then operates with a fixed
25% current limit, lowering the switching frequency to
maintain regulation. This greatly reduces switching losses,
maintaining high standby efficiency and low no-load power
consumption.
PI-3648-071106
RV1
275 VAC
C3
0.047
µF
X2
C1
33
µF
400 V
C8
2.2 nFY1
T1
EE25L
VR1
P6KE
130
C4
33
µF
400 V
D6
1N4148
D5
1N4007GP
R7
1 k
Ω
R1
68
Ω
L1
5 mH
CM Choke
1N4007 x 4
F1
3.15 A
250 VAC
RT1
t
°
+12 V, 500mA
OPTIONAL
+5 V, 2.5 A
J2-3
+3.3 V, 2 A
J2-6
RET
J2-2, 4, 5, 7
-24 V, 50 mA
J2-1
J1-2
LINE
J1-1
NTRL
U1
TOP245P
TOPSwitch-GX
D
S
C
CONTROL
M
Q3
1N3906
C13
47
µF
25 V
C5
47
µF
25 V
C14
0.1
µF
C9
150
µF
35 V
C6
150
µF
35 V
C12
1200
µF
10 V
C15
470
µF
25 V
C20
180
µF
25 V
L2
3.3
µH
L5
BEAD
L3
3.3
µH
L4
3.3
µH
C12
1200
µF
10 V
R17
200
Ω
D7
1N5819
1
4
8
12
13
9
10,11
14
7
5
D11
SB540CT
D10
SB540CT
R12
6.34 k
Ω
1%
R11
20.0 k
Ω
1%
C17
470
µF
10 V
D8
1N4005
Q1
2SA0885
D9
1N4005
R14
1.13 k
Ω
1%
R16
2.0 k
Ω
1%
R15
2.4 k
Ω
R13
2 k
Ω
1%
C18
470
µF
10 V
R8
1
Ω
1/2 W
D12
UF4003
R10
10 k
Ω
U3
TL431
U2
R9
10.0 k
Ω
1%
LTV817A
R4
10 k
Ω
R2
18 k
Ω
R3
270
Ω
C16
0.1
µF
C2
0.01
µF
1 kV
R6
5.1 k
Ω
Q4
2N3904
Q5
2N3906


Similar Part No. - DI-55

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DI-52 POWERINT-DI-52 Datasheet
374Kb / 2P
60 W DC-DC Converter
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
50 W DC-DC Dual Output Converter
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
19.2 W DC-DC Converter
DI-57 POWERINT-DI-57 Datasheet
57Kb / 2P
60 W DC-DC Converter
More results

Similar Description - DI-55

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-040 SANYO-STK400-040 Datasheet
334Kb / 9P
AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W min, THD = 0.4%)
STK400-490 SANYO-STK400-490 Datasheet
267Kb / 8P
3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
logo
Power Integrations, Inc...
TOP245P POWERINT-TOP245P Datasheet
1Mb / 35P
17W (25W peak) DVD Recorder Power Supply
DI-93 POWERINT-DI-93 Datasheet
429Kb / 2P
General Purpose 32 W Continuous (81 W Peak) Supply
DI-129 POWERINT-DI-129 Datasheet
668Kb / 2P
33 W (60 W Peak) PVR Power Supply
logo
CUI INC
VDRS-20 CUI-VDRS-20 Datasheet
186Kb / 4P
20 W MINI POWER SUPPLY
logo
MORNSUN Science& Techno...
LH20-10B03 MORNSUN-LH20-10B03_15 Datasheet
1Mb / 8P
20(25)W, AC-DC converter
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
logo
Guangdong Youtai Semico...
SD12CT1G UMW-SD12CT1G Datasheet
301Kb / 3P
Peak Power − 350 W (8 x 20 цs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com