Electronic Components Datasheet Search
  English  ▼

X  

DI-56 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-56
Description  19.2 W DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-56 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-56 Datasheet HTML 1Page - Power Integrations, Inc. DI-56 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-56
DPA-Switch
19.2 W DC-DC Converter
September 2003
DI-56
Application
Telecom
DPA425R
±12 V
Power Output
19.2 W
Input Voltage
Output Voltage
Topology
Device
36-75 VDC
Flyback
Figure 1. DPA425R - 19.2 W,
±12 V, 0.8 A, DC-DC Converter.
®
™
Design Highlights
• Low cost 400 kHz flyback design
•
±12 V outputs at ±5% accuracy
• Highly efficient diode rectification design - 80% at 48 V
• Low component count
• Accurate line OV and UV protection
• Thermal, short circuit and output overload protection
• No current sense components
Operation
DPA-Switch greatly simplifies the design compared to a discrete
implementation. Resistor R1 programs the under/over voltages
and linearly reduces the maximum duty cycle with input voltage
to prevent core saturation during load transients. Resistor R3
programs the DPA-Switch current limit at 77% of nominal to
minimize fault and overload power. Drain voltage clamping
is provided by Zener diode VR1.
Output regulation is taken from the +12 V output. The -12 V
output is magnetically coupled. Shared regulation of +12 V
and -12 V may be used if better cross-regulation is required
between the two outputs. Optional resistor R7, diode D3 and
capacitor C16 implement a soft-finish network to slow the
rise of the output voltage at start-up, preventing overshoot.
The bias winding provides operating power to the
DPA-Switch. The regulation is fed back from the secondary
through the opto-transistor of U2. The DPA-Switch will go
into auto-restart in the event of optocoupler (U2) failure, or
output short circuit. The optional resistor R5 and Zener diode
VR2 provide a fail-safe output regulation path, limiting the
instantaneous output overvoltage in the event of U2 failure.
D
S
C
L
F
X
CONTROL
PI-3649-081103
R11
10.0 kΩ
1%
R9
220 Ω
R10
38 kΩ
1%
R14
10 Ω
R4
1.0 Ω
1%
R5
180 Ω
L2
300 nH
L3
300 nH
L1
1 µH
2.5 A
C4
4.7 µF
D1 BAV19W5
D3
BAVAW5
D20
MBR360
R3
10 kΩ
1%
R1
619 kΩ
1%
U1
DPA425R
R6
560 Ω
VR2
5.1 V
R7
10 kΩ
R12
5.1 Ω
1%
C14
1 µF
C6
68 µF
10 V
C5
220 nF
C16
10 µF
16 V
U3
LM41
AIM3
U2
C13
100 nF
C22
100 µF
16 V
C32
100 µF
16 V
C33
1 µF
C30
100 µF
16 V
C7
1 nF
1.5 kV
1
NC
8
7
6
5
2
3
4
D30
MBR360
C20
100 µF
16 V
C1- C2
1 µF
100 V
C3
1 µF
100 V
VR1
SMBJ
130
C21
100 µF
16 V
C31
100 µF
16 V
C23
1 µF
+V
IN
36-75 VDC
-V
IN
DPA-Switch
+12 V,
0.8 A
RTN
RTN
-12 V,
0.8 A


Similar Part No. - DI-56

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DI-52 POWERINT-DI-52 Datasheet
374Kb / 2P
60 W DC-DC Converter
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
50 W DC-DC Dual Output Converter
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
DI-57 POWERINT-DI-57 Datasheet
57Kb / 2P
60 W DC-DC Converter
More results

Similar Description - DI-56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS4T48-5 STMICROELECTRONICS-GS4T48-5 Datasheet
45Kb / 3P
4 W DC-DC CONVERTER
Jun-1994
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
2 W DC-DC CONVERTER
Jun-1994
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-37 POWERINT-DI-37 Datasheet
227Kb / 2P
16.5 W DC-DC Converter
logo
Wall Industries,Inc.
MPQ48S3.3-66R WALL-MPQ48S3.3-66R Datasheet
422Kb / 7P
66 W DC-DC Converter
MPQ48S3.3-83R WALL-MPQ48S3.3-83R Datasheet
401Kb / 7P
83 W DC-DC Converter
MPQ48S24-100 WALL-MPQ48S24-100 Datasheet
389Kb / 7P
100 W DC-DC Converter
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
8 W DC-DC Converter
RA2415UW8 WALL-RA2415UW8 Datasheet
411Kb / 11P
8 W DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com