Electronic Components Datasheet Search
  English  ▼

X  

DI-57 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-57
Description  60 W DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-57 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-57 Datasheet HTML 1Page - Power Integrations, Inc. DI-57 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U1
DPA426R
D2 SBG3045CT
D1 BAV19WS
C3
1 µF
100 V
D4
ES2D
VR1
SMCJ
100 A
2
9,10
6,7
NC
4
5
1
C5
220 nF
R2
68 Ω
1/4 W
C4
180 pF
200 V
C6
68 µF
10 V
C7 1 nF
1.5 kV
R14
10 Ω
U2
R15, R16
33 Ω
1/4 W
C9
2.2 nF
50 V
R3
8.8 kΩ
1%
R1
619 kΩ
1%
R4
1.0 Ω
-VIN
L1
1 µH, 2.5 A
C23
4.7 µF
20 V
C1
1 µF
100 V
C2
1 µF
100 V
DL
SX
F
C
CONTROL
CONTROL
PI-3662-082603
DPA-Switch
T1
RTN
12 V, 5 A
U2
PC 357N1T
VR2
BTZ52C11
C10-C14
100 µF, 16 V
(OSCON)
C19
1 µF
16 V
C15-C18
47 µF, 16 V (CERAMIC)
R7
1 kΩ
C8
1 µF
16 V
R6
150 Ω
+ VIN
36-75 VDC
www.powerint.com
Design Idea DI-57
DPA-Switch
60 W DC-DC Converter
August 2003
DI-57
Application
Telecom
DPA426R
12 V
Power Output
60 W
Input Voltage
Output Voltage
Topology
Device
36-75 VDC
Flyback
Figure 1. DPA426R - 60 W, 12 V, 5 A DC-DC Converter.
®
™
Design Highlights
• Low cost 400 kHz flyback design
• Simple Zener referenced 12 V output
• Efficiency – 82% at 36 VDC and full load
• Low component count
• Accurate line OV and UV protection
• Thermal, short circuit and output overload protection
• No current sense components
Operation
DPA-Switch greatly simplifies the design compared to a discrete
implementation. Resistor R1 programs the under/over voltages
and linearly reduces the maximum duty cycle with input voltage
to prevent core saturation during load transients. Resistor R3
programs the DPA-Switch current limit at 85% of nominal to
minimize fault and overload power. Drain voltage clamping
is provided by diode D4 and Zener diode VR1 with optional
components C4 and R2 to provide high frequency snubbing.
The output is rectified by diode D2 with optional high
frequency damping from components C9, R15 and R16. The
output capacitors are alternated to share the ripple current
evenly between the Oscon capacitors (C10-14) and the
ceramic capacitors (C15-C18). A final decoupling ceramic
capacitor C19 is placed at the output pins of the power supply.
Output regulation is taken from the +12 V output. Zener
diode VR2 is DC-biased by resistor R7 with the opto-diode
of U2 providing feedback and resistor R6 programming the
gain. Optional capacitor C8 implements a soft-finish network
to slow the rise of the output voltage at start-up.


Similar Part No. - DI-57

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DI-52 POWERINT-DI-52 Datasheet
374Kb / 2P
60 W DC-DC Converter
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
50 W DC-DC Dual Output Converter
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
19.2 W DC-DC Converter
More results

Similar Description - DI-57

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-52 POWERINT-DI-52 Datasheet
374Kb / 2P
60 W DC-DC Converter
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z Datasheet
562Kb / 5P
60 Watt | DC-DC Converter
logo
Wall Industries,Inc.
MPQ24S15-50C WALL-MPQ24S15-50C Datasheet
660Kb / 11P
60 W DC-DC Converter
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
8 W DC-DC Converter
logo
Power Mate Technology C...
FEC60 P-DUKE-FEC60_14 Datasheet
483Kb / 3P
60 WATTS DC-DC CONVERTER
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z_16 Datasheet
567Kb / 5P
60 Watt | DC-DC Converter
logo
HY-LINE Power Component...
P60A243R3S HY-LINE-P60A243R3S Datasheet
853Kb / 4P
60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60D2405S HY-LINE-P60D2405S Datasheet
1Mb / 6P
60 W DC-DC Converter P60D-Series
Rev: 20181004 f
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com