Electronic Components Datasheet Search
  English  ▼

X  

DI-58 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-58
Description  Low Cost 1.5 W CV/CC Charger or Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-58 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-58 Datasheet HTML 1Page - Power Integrations, Inc. DI-58 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-58
LinkSwitch Low Cost 1.5 W
CV/CC Charger or Adapter
September 2003
DI-58
Application
Charger/Adapter
LNK500
5.5 V
Power Output
1.5 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
Design Highlights
• Replaces a linear transformer based supply at the same or
lower cost but with much higher performance
• <0.3 W consumption at zero load meets worldwide guidelines
(EC’s 0.3 W, USA’s 1 W for example)
• Extremely simple circuit – only 15 components for
production-worthy design
• Primary based CV/CC output – no secondary sense
components required
•
±10% output voltage and ±25% output current tolerances at
peak power point
• Fully protected for thermal, short circuit and open loop faults
• >62% efficiency (>70% with R1 replaced by an inductor)
•Meets CISPR22B/EN55022B EMI limits with low cost
resistive input filter
• Ultra-low leakage current design <5
µA
• EE13 core for low cost and small size
Operation
The AC input is rectified and filtered by D1, D2, C1 and C2.
Conducted EMI filter is provided both by a
π filter (C1, R1 and
C2) and a differential filter (RF1 and C1). Together with a
shield in the transformer (formed from part of the primary), the
design meets conducted EMI limits with no Y-capacitor between
primary and secondary. Resistor RF1 also functions as a fuse.
Figure 1. LinkSwitch 1.5 W Charger Power Supply: 85 VAC to 265 VAC Input, 5.5 V, 0.27 A Output
LinkSwitch derives all feedback information from the primary.
During output diode conduction, the output voltage reflected
through the turns ratio is sampled and held by C4. The
feedback voltage across C4 (V
OR) is converted into feedback
current by R2 and fed into the CONTROL pin. This feedback
current regulates the output by PWM control during CV
operation, and by reducing the internal current limit during
CC operation. Below an output voltage of ~2 V, LinkSwitch
enters auto-restart, limiting average output current to less
than 50 mA. The nominal transition from CV to CC occurs
at 5.5 V, 0.27 A. The output envelope characteristic and
specification limits are shown in Figure 2.
Together with D3, C4 and R2 are also part of the primary clamp,
limiting the peak drain to source voltage due to leakage
inductance. Resistor R3 filters the leading edge leakage
inductance spike, reducing the error in the feedback voltage.
The CONTROL pin capacitor C3 provides energy storage for
supply start-up and sets auto-restart timing during fault
conditions.
Key Design Points
• Select transformer turns ratio to give a V
OR of 40 V
to 60 V. Lower values reduce power capability; higher
values increase no-load consumption.
• R2 provides 2.3 mA into the CONTROL pin at the peak
power point at 85 VAC. The value can be adjusted to
center the output voltage.
C1, C2
2.2 µF
400 V
C3
0.22 µF
R2
21 kΩ
R3
100 Ω
D3
1N4937
C4
0.1 µF
100 V
FILM
D4
UF4002
1A 100V
5.5 V, 0.27 A
L
N
RTN
RF1
10 Ω
Fusible
T1
85-265
VAC
D1
1N4007
15 T
30 AWG
T.I.W.
C5
220 µF
16V
LinkSwitch
D
S
C
U1
LNK500
104T
34 AWG
12T
2 x 30 AWG
1
5
6
4
3
D2
1N4007
R1
68 Ω
Flameproof
PI-3687-091903
EE13
L
P = 1.36 mH


Similar Part No. - DI-58

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DI-52 POWERINT-DI-52 Datasheet
374Kb / 2P
60 W DC-DC Converter
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
50 W DC-DC Dual Output Converter
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
19.2 W DC-DC Converter
More results

Similar Description - DI-58

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK520 POWERINT-LNK520 Datasheet
847Kb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
Low Cost 2.75 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
Low Cost 2.5 W CV/CC Charger or Adapter
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
Low Cost 2 W CV Power Adapter
LNK500GN POWERINT-LNK500GN Datasheet
835Kb / 10P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com