Electronic Components Datasheet Search
  English  ▼

X  

DI-59 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-59
Description  Low Cost 2.5 W CV/CC Charger or Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-59 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-59 Datasheet HTML 1Page - Power Integrations, Inc. DI-59 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
September 2003
DI-59
Application
Charger/Adapter
LNK500
5.5 V
Power Output
2.5 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
Design Highlights
• Replaces a linear transformer based power supply at the
same or lower cost, with better output regulation
• No-load input power consumption is less than 300 mW, at
230 VAC input: meets worldwide conservation guidelines
• Extremely simple circuit – requires only 23 components!
• No alternate path of secondary-side feedback is required:
output feedback is obtained through the main transformer!
• Output Voltage (CV) tolerance
±10% at peak power point
• Output Current (CC) tolerance
±25%, when L ≤ ±10%
• Features the following auto-recovering protection functions:
output short-circuit, open feedback loop, thermal shutdown
• Typically about 68% efficient!
•Meets EN550022 B EMI limits, without a Y-1 type Safety
capacitor between the primary and the secondary
• Ultra-low leakage current: < 5
µA at 265 VAC input
Operation
Fusible resistor RF1 gives short-circuit fault protection and
limits start-up inrush current. Diodes D1–D4 provide full
bridge rectification that charges capacitors C1 and C2. Inductors
L1 and L2 and capacitors C1 and C2 form a low-cost pi (
π) filter
that attenuates conducted EMI. Transformer (T1) winding
phasing and D6 orientation let no secondary winding current
flow when the MOSFET in U1 is ON, so the current that flows
through the primary winding stores its energy in the core of T1.
When the MOSFET in U1 is turned OFF, the energy stored in
Figure 1. 2.5 W LinkSwitch Based Charger/Adapter
Design Idea DI-59
LinkSwitch
®
Low Cost 2.5 W
CV/CC Charger or Adapter
T1 drives current out of the secondary winding, forward
biasing D6, charging C6 and developing/maintaining the
output voltage across C6.
The RCD network of C3, D5 and R1 has two functions:
1) It clamps the reflection of the output voltage (V
OR) on the
primary winding, as the MOSFET turns OFF.
2) It holds V
OR, for use as output feedback, eliminating the
cost and complexity of a separate feedback path.
Resistor R1 attenuates the switching noise from the V
OR.
Resistor R2 determines the amount of feedback current that
flows into the CONTROL pin of U1. The output voltage can
be fine-tuned by varying the value of R2. CONTROL pin
capacitor C4 stores power and supplies it back to U1 during
start-up, determines the restart “attempt” frequency in the
auto-restart mode, shunts high frequency noise around U1
and provide U1 with the instantaneous MOSFET gate-drive
current it requires. Resistor R3, capacitor C5, the 22-turn
core cancellation winding and the 5-turn shield winding all
reduce EMI.
LinkSwitch based solutions are designed to operate only in
the discontinuous conduction mode. P
O
0.5 L I2f, where
P
O = Output Power, L = transformer primary inductance,
I = LinkSwitch peak current, f = Switching frequency and
η = Efficiency. I
2f is accurately controlled for the LinkSwitch;
therefore, P
O is proportional to L.
C1
4.7 µF
400 V
C2
4.7 µF
400 V
C4
0.22 µF
25 V
C5
100 pF
500 V
C7
150 pF
100 V
C6
330 µF
16 V
R2
17.4 kΩ
1%
R1
100 Ω
R3
100 Ω
R5
22 kΩ
R4
33 Ω
D5
1N4937
D6
SB1100
C3
100 nF
63 V
FILM
5.5 V, 0.45 A
RTN
RF1
8.2 Ω
1 W Fusible
D1-D2
1N4007
D3-D4
1N4007
LinkSwitch
D
S
C
U1
LNK500
90T, #36
15T, #30, TIW
22T, #34
1
T1 EE13
L
P = 2.3 mH
5
6
2
2
L1
1.5 mH
PI-3692-091903
85-265
VAC
L
N
5T,
#30 x 3
L2
Ferrite
Bead
3
~
~


Similar Part No. - DI-59

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DI-52 POWERINT-DI-52 Datasheet
374Kb / 2P
60 W DC-DC Converter
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
50 W DC-DC Dual Output Converter
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
19.2 W DC-DC Converter
More results

Similar Description - DI-59

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK520 POWERINT-LNK520 Datasheet
847Kb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
Low Cost 2.75 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-58 POWERINT-DI-58 Datasheet
366Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
Low Cost 2 W CV Power Adapter
LNK500GN POWERINT-LNK500GN Datasheet
835Kb / 10P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com