Electronic Components Datasheet Search
  English  ▼

X  

DI-60 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-60
Description  Low Cost 2.5 W Regulated Charger/Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-60 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-60 Datasheet HTML 1Page - Power Integrations, Inc. DI-60 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-60
LinkSwitch Low Cost 2.5 W
Regulated Charger/Adapter
DI-60
®
Application
Charger/Adapter
LNK501
5.5 V
Power Output
2.5 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
Figure 1. 2.5 W LinkSwitch Based Charger/Adapter.
Design Highlights
• Replaces a linear transformer based power supply at the same
or lower cost, with better output regulation
• No-load input power consumption < 300 mW, at 230 VAC
input: meets worldwide energy conservation guidelines
• Extremely simple circuit – requires only 29 components!
• Output voltage (CV) tolerance:
±10% at peak power point
• Output current (CC) tolerance:
±25% when L ≤ ±10%
• Features short-circuit, open loop and thermal protection
• Typically about 70% efficient!
• Meets EN550022 B EMI without a Y-1 Safety capacitor
• Ultra-low leakage current: < 5
µA at 265 VAC input
Operation
Fusible resistor RF1 gives short-circuit fault protection and
limits start-up inrush current. Inductors L1 and L2 and capacitors
C1 and C2 form a low-cost pi (
π) filter that attenuates conducted
EMI. Transformer (T1) winding phasing and D7 orientation let
no secondary winding current flow when the U1-MOSFET is
ON, so the primary winding current stores its energy in the core
of T1. When the U1-MOSFET turns OFF, the energy stored in
T1 drives current out of the secondary winding, forward biasing
D7, charging C7 and developing/maintaining the output voltage
across C7. The RCD network of C3, D5, R1 and R2 clamps the
flyback voltage across the primary winding, as the U1-MOSFET
turns OFF.
The bias/feedback winding (T1, pins 3-4) provides U1 with
CONTROL pin current. In CV mode, that current is controlled
by the U2-phototransistor. At start-up and in CC mode, when
U2 is OFF, R5 provides the current path. Diode D6 is in the
return leg of the winding, making it shield the core from the
primary winding. The bias winding and the primary-to-
secondary shield winding (T1, pin 1) both reduce EMI.
Resistor R3 and C4 reduce EMI.
CONTROL pin capacitor C6 stores energy and supplies it
back to U1 at start-up, determines the “restart attempt rate”
in the auto-restart mode, shunts high frequency switching
noise around U1 and provides U1 with the instantaneous
MOSFET gate-drive current it requires. The combined
voltages of VR1, R7 and the U2-LED determine the output
voltage. Resistor R8 provides bias current to VR1. The
output voltage can be fine-tuned by adjusting the values of
R7 and R8.
LinkSwitch solutions must only operate in discontinuous
conduction mode. P
O
0.5 L I2f, where P
O = Output Power,
L = transformer primary inductance, I = LinkSwitch peak
current, f = Switching frequency and
η = Efficiency. I
2f is
accurately controlled for LinkSwitch; therefore, P
O
is
proportional to L.
~
~
PI-3695-103103
85 - 265
VAC
L
N
RTN
5.5 V, 0.45 A
D1-D4
1N4005 x 4
L1
1.0 mH
C3
1 nF
500 V
D5
1N4007G
U1
LNK501
U2
U2
L2
Ferrite
Bead
C6
220 nF
PC817A
PC817A
12T
26 AWG TIW
D7
11DQ06
T1 EE13
Lp = 2.36 mH
D6
BAV20
1
1
8
4
5
3
2
114T
34 AWG
C4
100 pF
500 V
LinkSwitch
VR1
5.1 V
2%
D
S
C
www.powerint.com
December 2004


Similar Part No. - DI-60

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-61 POWERINT-DI-61 Datasheet
432Kb / 2P
3 W Charger:
DI-63 POWERINT-DI-63 Datasheet
368Kb / 2P
4.8 W CV/CC Charger with Output Cable-Drop Compensation
logo
Contec Co., Ltd
DI-64L-PE CONTEC-DI-64L-PE Datasheet
236Kb / 2P
Digital Input Board with Opto-Isolation
logo
Power Integrations, Inc...
DI-66 POWERINT-DI-66 Datasheet
497Kb / 2P
45 W, Universal Input, LCD Monitor Internal Supply
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
Isolated, Power Factor Corrected (PFC), 17 W LED Driver
More results

Similar Description - DI-60

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
Low-Cost Battery Charger
Rev 0; 12/05
logo
Power Integrations, Inc...
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
Low Cost 2.75 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-58 POWERINT-DI-58 Datasheet
366Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
Low Cost 2.5 W CV/CC Charger or Adapter
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
Low Cost 2 W CV Power Adapter
logo
Ultralife Corporation.
UAD0014 ULTRALIFE-UAD0014 Datasheet
443Kb / 1P
Charger Adapter
Rev: B
logo
STMicroelectronics
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com