Electronic Components Datasheet Search
  English  ▼

X  

DI-61 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-61
Description  3 W Charger:
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-61 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-61 Datasheet HTML 1Page - Power Integrations, Inc. DI-61 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-61
TinySwitch-II 3 W Charger:
<200 mW No-load Consumption
DI-61
®
Application
Charger
TNY264P
5 V, 600 mA
Power Output
3 W
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
Figure 1. TinySwitch-II 3.0 W Cell Phone Charger.
Design Highlights
• Less than 200 mW no-load power consumption (for
115 or 230 VAC input)
• Meets CISPR-22 Class B without Y capacitor
• Low cost, low component count solution
Operation
The TinySwitch-II flyback converter in Figure 1 generates a
constant voltage, constant current (CV/CC) 5 V, 600 mA
output. Typical applications include wall-mounted chargers
for cell phones, PDAs and other battery powered portable
equipment.
The key performance characteristic of the circuit shown is the
extremely low no-load consumption of <200 mW. A linear
transformer charger of similar rating will typically consume
1 W to 4 W at no-load. At $0.12/kWh, the TinySwitch-II can
therefore reduce energy costs by $1 to $4 per year.
The no-load performance is achieved by use of TinySwitch-II,
and by careful transformer design.
The circuit meets CISPR-22 Class B conducted EMI limits
without a Y capacitor, and therefore has very low AC leakage
current. This EMI performance is achieved via the
TinySwitch-II internal jitter, use of a shield winding, an
output RC snubber, and the primary RCD clamp.
Key Design Points
• Minimize secondary circuit bias currents. Use low current
feedback Zeners for best tolerance. The very low Zener
bias current in this design will provide approximately
±10% output voltage tolerance. A precision reference
(e.g. TL431) can be used if higher precision is required.
• Design transformer with low reflected voltage to minimize
clamp losses. A larger device (TNY266) may allow further
reduction in V
OR.
• Wind transformer for lowest leakage inductance. Choose
wire gauges to completely fill winding layers.
• Winding the transformer with tape between primary layers
further reduces intra-winding capacitance and no-load
consumption.
• Resistor R7 limits the peak current into the optocoupler
LED to prevent damage during unusual transients.
PI-3681-031204
D
S
BP
EN
85 - 265
VAC
RTN
N
L
5 V, 0.6 A
RF1
8.2
Ω
1.0 W
D1
1N4005
D2
1N4005
D3
1N4005
D4
1N4005
C1
4.7
µF
400 V
L1
1.0 mH
C3
390 pF
1 kV
C5
470 pF
D5
1N4007G
U1
TNY264P
L2
Bead
2.2
µH
C4
0.1
µF
50 V
U2
PC817A
D7
11DQ06
8T
24 AWG
15T
2 x 32 AWG
102T
33 AWG
18
7
3
4
T1 EE13
L
P = 1.9 mH
2
C6
470
µF
10 V
U2
R5
820
Ω
R6
2.4
Ω
2 W
R4
1.5 k
Ω
R7
4.7
Ω
R3
33
Ω
R1
100 k
Ω
R2
330
Ω
1/2 W
L3
Ferrite
Bead
VR3
BZX79B5V1
C7
100
µF
10 V
C2
4.7
µF
400 V
Q1
2N3906
TinySwitch-II
www.powerint.com
March 2004


Similar Part No. - DI-61

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-63 POWERINT-DI-63 Datasheet
368Kb / 2P
4.8 W CV/CC Charger with Output Cable-Drop Compensation
logo
Contec Co., Ltd
DI-64L-PE CONTEC-DI-64L-PE Datasheet
236Kb / 2P
Digital Input Board with Opto-Isolation
logo
Power Integrations, Inc...
DI-66 POWERINT-DI-66 Datasheet
497Kb / 2P
45 W, Universal Input, LCD Monitor Internal Supply
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
Isolated, Power Factor Corrected (PFC), 17 W LED Driver
More results

Similar Description - DI-61

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-62 POWERINT-DER-62 Datasheet
910Kb / 24P
3.0 W Charger using LNK363P
DER-113 POWERINT-DER-113 Datasheet
565Kb / 25P
5 W, 5 V Charger using TNY274P
DI-12 POWERINT-DI-12 Datasheet
44Kb / 2P
16 W, Universal Input, Lead Acid Battery Charger
DI-28 POWERINT-DI-28 Datasheet
49Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-85 POWERINT-DI-85 Datasheet
554Kb / 2P
2 W Charger: Replaces Unregulated Linear Solutions
logo
STMicroelectronics
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com