Electronic Components Datasheet Search
  English  ▼

X  

DI-66 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-66
Description  45 W, Universal Input, LCD Monitor Internal Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-66 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-66 Datasheet HTML 1Page - Power Integrations, Inc. DI-66 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-66
TOPSwitch-GX 45 W, Universal Input,
LCD Monitor Internal Supply
December 2004
DI-66
®
Application
LCD Monitor
TOP246Y/F
5 V / 12 V
Power Output
45 W
Input Voltage
Output Voltage
Topology
Device
90-265 VAC
Flyback
Figure 1. Circuit Diagram of a TOP246 Based LCD Monitor Power Supply.
Design Highlights
• 66 kHz operation enables 0.45 W of standby output
power delivery with 0.9 W of input power at 230 VAC
• Low no-load input power: <0.42 W at 230 VAC
• 82% efficient (min) at 90 VAC input and 45 W output
• Low component count: only 52 parts!
• Meets CISPR22 B EMI with > 10 dB of margin
• No TVS required for the primary snubber
Operation
Many of the built-in features of TOPSwitch-GX, such as line
UV/OV, soft start, line feed-forward, accurate current limit,
and frequency jitter have been used to reduce the component
count, transformer size and overall system cost of this universal
input, flyback power supply. This design is ideal for LCD
monitor supplies that require low standby power consumption.
The switching frequency of U1 is set to 66 kHz by connecting
its F pin to the CONTROL pin. Efficient 66 kHz operation
results from the use of an EER3016S core to keep the number
of primary turns low and to further reduce T1 leakage inductance.
This reduces the losses due to both leakage inductance and
winding capacitance. Low leakage inductance also allows the
use of a low cost RCD snubber (C3, R2–R4 and D5) to clamp
the U1 DRAIN voltage, while keeping standby power
consumption low. Use of a glass-passivated normal recovery
diode (D5) recycles the stored leakage energy and increases the
overall efficiency. Resistor R4 dampens drain node ringing,
and is necessary when a normal recovery diode is used.
Resistor R5 sets nominal UV and OV limits to 84 V and 378 V,
respectively. Under-voltage lockout protects the supply from
overheating during brownout, and eliminates power-up and
power-down glitches. Overvoltage shutdown protects the power
supply from line surges.
D
S
C
L
F
X
CONTROL
PI-3743-120904
12 V/ 3 A
5 V/1.8 A
RTN
U1
TOP246Y
U2
PC817C
U3
LM431AIM3
90-265
VAC
NEUT
GND
LINE
C5
47µF
10 V
C4
100 nF
R7
7.87 kΩ
L4
6 x 5 mm
Bead Ferrite
5
2
1
T1
6,7
8,9
3
4
10
R18
10.0 kΩ
R16
10.0 kΩ
R9
330 Ω
R8
6.8 Ω
R6
7.5M
1/2 W
R2
2M
1/2 W
RT1
5/3 A
F1
3.15 A
250 V
R17
2.2 kΩ
R15
1.0 kΩ
C17
10 µF
35 V
C16
47 nF
C14
100 µF
25 V
C11
100 µF
25 V
C10
680 µF
16 V
C9
680 µF
16 V
C12
680 µF
10 V
C13
680 µF
10 V
D13
SB540
D5
1N4007G
D12
MBR20100CT
C6
47 µF
50 V
D10
LL4148
C15
330 nF
L3
3.3 uH
L2
3.3 uH
R14
22 Ω
R13
390 Ω
R4
10
1/2 W
R5
2M Ω
1/2 W
R3
68 k
1/2 W
D1-D4
RL205
C3
10n
1 kV
C1
100 µF
400 V
CY1
330 pF
Y1
CY2
330 pF
Y1
CX1
330 nF
X2
R12
68 Ω
CY3
2.2 nF
C8
470 pF
L1
5.3 mH
1 A
R2
68 k
1/2 W
TOPSwitch-GX


Similar Part No. - DI-66

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-61 POWERINT-DI-61 Datasheet
432Kb / 2P
3 W Charger:
DI-63 POWERINT-DI-63 Datasheet
368Kb / 2P
4.8 W CV/CC Charger with Output Cable-Drop Compensation
logo
Contec Co., Ltd
DI-64L-PE CONTEC-DI-64L-PE Datasheet
236Kb / 2P
Digital Input Board with Opto-Isolation
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
Isolated, Power Factor Corrected (PFC), 17 W LED Driver
More results

Similar Description - DI-66

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
EPR-33 POWERINT-EPR-33 Datasheet
650Kb / 32P
Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
40 W universal input ac-dc power supply
NFS80 EMERSON-NETWORKPOWER-NFS80 Datasheet
245Kb / 4P
80 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
110 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
65 W universal input ac-dc power supply
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL_09 Datasheet
959Kb / 4P
65 W universal input ac-dc power supply
logo
SL Power Electronics
MINT1400 SLPOWER-MINT1400 Datasheet
400Kb / 3P
Universal Input Power Supply
logo
Sanken electric
STR-W6251D SANKEN-STR-W6251D Datasheet
598Kb / 15P
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com