Electronic Components Datasheet Search
  English  ▼

X  

DI-69 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-69
Description  15 W Multi-Output DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-69 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-69 Datasheet HTML 1Page - Power Integrations, Inc. DI-69 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
B
8/04
DI-69
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit
www.powerint.com
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations. PI Expert and DPA-Switch
are trademarks of Power Integrations.
Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit
described herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications
assigned to Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com.
For the latest updates, visit
www.powerint.com
Core Material
Bobbin
Winding Details
Winding Order
(pin numbers)
Primary
Inductance
Primary Resonant
Frequency
Leakage
Inductance
TRANSFORMER PARAMETERS
Ferroxcube P/N: PTS14/8-3F3, ungapped
8 pin P1408 surface mount B&B B-096 or
equivalent
Primary: 8T + 7T, 27 AWG,
5 V 4T, 4 x 28 AWG
7.5 V 2T, 4 x 28 AWG
Primary-1 (4-3), 7.5 V (7-8), 5 V (5-6)
Primary-2 (3-1)
434 µH ±25% @ 100 kHz
3.8 MHz (minimum)
1 µH (maximum)
Core Material
Bobbin
Winding Details
Winding Order
(pin numbers)
Inductance
INDUCTOR PARAMETERS
Epcos N87, P/N: B65755-J-R87, Gap for
A
L = 160 nH/T
2
8 pin P1408 surface mount B&B B-096 or
equivalent
Bias 26T, 34 AWG
5 V 6T, 2 x 28 AWG
7.5 V 12T, 28 AWG
20 V 40T, 34 AWG
7.5 V (7-6), 5 V (8-5), 20 V (1-2), Bias (4-3)
Pin (5-8): 16 µH ±10% @ 100 kHz
Table 3. Inductor Design Parameters.
Table 2. Transformer Design Parameters.
Key Design Points
• Zener VR1 safely limits the DRAIN voltage below
BV
DSS.
• At zero load, maximum input voltage, the bias voltage
across C6 should be >8 V (12 V to 15 V under normal
conditions).
• The 5 V output is the regulated output. All other outputs
are derived from it.Therefore, tight transformer secondary
coupling and low PC board trace impedance from the 5
V output to the 7.5 V output are crucial to achieve good
cross-regulation.
• The transformer must reset completely under all line
and load conditions to prevent core saturation. The
gate capacitance of Q22 (with other parasitic circuit
capacitances), determines the minimum reset period. The
transformer core reset voltage also drives the secondary
synchronous rectifier Q22. Efficiency is maximized when
Q22conductionperiodismaximized. ThisQ22conduction
periodcanbeextendedbyaddingmorecapacitance(anR-C
snubber across the 5 V winding). The reset period should
be set to give as long a reset as possible when operating
at low-line (maximum duty cycle) while still guaranteeing
complete reset.
• Good layout practices should be followed:
- Locate C4, C5 and R3 close to U1 with grounds returned
to the SOURCE pin.
- Minimizetheprimaryandsecondaryloopareastoreduce
parasitic leakage inductance.
- LocateD21andQ22returnconnectionsveryclosetoeach
other to provide best cross-regulation between 5 V and
7.5 V.
Table 1. Worst Case Output Cross-Regulation - All Outputs Taken
from Minimum to Maximum Load.
Load
Range
(%)
5
36-72 20-100
7.5
36-72
0-100
7
36-72
100
Cross-Regulation (%)
-6 -5 -4 -3 -2 -1 0 1
2 3 4 5
6
7 8
Voltage
Range
(VDC)
VOUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com