Electronic Components Datasheet Search
  English  ▼

X  

DI-70 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-70
Description  PoE Detection and Classification (Class 0) Interface Circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-70 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-70 Datasheet HTML 1Page - Power Integrations, Inc. DI-70 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PoE/VoIP
DPA424P
12.94 W
Forward
Figure 1. PoE Interface Circuit–Using a Bipolar Transistor Pass-Switch and DPA424P.
www.powerint.com
DI-70
November 2005
Power Output
Input Voltage
Output Voltage
Topology
Device
Design Idea DI-70
DPA-Switch PoE Detection and
Classification (Class 0) Interface Circuit
Application
Design Highlights
• Simple, low-cost, discrete PoE interface circuit
• Low cost bipolar pass-switch: 87% efficient (Figure 5)
• MOSFET pass-switch: 97% efficient (Figures 2 and 5)
• Fully compliant with IEEE 802.3af
Operation
Power over Ethernet (PoE) is becoming widely adopted for
networking and (VoIP) telecom applications. A typical PD
solution is shown in Figure 1, having a PoE interface circuit
and a DPA-Switch DC-DC converter block (see DI-69 for full
details of operation of the DC-DC converter).
ThePoEspecificationrequiresthePDtoprovidethreefunctions:
detection, classification, pass-switch connection.
When an input voltage is first applied to the PD, it must present
the correct detection impedance in the voltage range of 2.5VDC
to 10 VDC. This impedance is provided by R51.
The second (classification) phase occurs at input voltages
14.5 VDC to 20.5 VDC. The PD must draw a specified current
5 V / 7.5 V / 20 V
34-57 VDC
to identify the device class (Class 0 specifies 0 mA to
4 mA). This is again accomplished by resistor R51.
Bipolar Transistor Pass-Switch
In the third phase, the bipolar pass-switch (Q51 in Figure 1)
connects the input voltage to the power supply at voltages
above approximately 30 VDC (28 V + V
R52). Zener diode
VR51 conducts, driving current through resistor R52 to
the base of Q51. Resistor R53 prevents turn-on under other
conditions. Once the power supply has started, components
D51, D52, C51 and R54 enhance the base-current drive by
coupling power from the power supply bias winding.
MOSFET Pass-Switch
An alternative MOSFET-based third phase solution
(Figure 2) connects the input to the power supply at input
voltages above approximately 30 VDC (28 V + V
G(Q51)).
Resistor R53 prevents turn-on under other conditions and
ZenerdiodeVR52limitstheQ51gate-sourcevoltagewhenthe
input voltage is high (>42 VDC). In the last phase of start up,
®
U1
DPA424P
D6
BAV
19WS
Q22
Si4804
D21
SL13
15 V
Q21
Si4804
C2
1
µF
100 V
VR1
SMAJ
150
C5
47
µF
10 V
D41
BAV19WS
D31
20CJQ060
R21
10
Ω
R22
10
Ω
R23
10 k
Ω
VR21
C21
2.2 nF
U2
T1
R1
649 k
Ω
1%
R3
1.0
Ω
C22-C24
100
µF 5 V
VR41
6.8 V
D42
IN4148
C31
100
µF
10 V
C41
4.7
µF, 35 V
C25
1
µF
10 V
L1
1
µH 2.5 A
PoE Interface
L2
16
µH 4 A
C6
4.7
µF
20 V
D11
BAV19WS
U3
LM431AIM3
C11
2.2
µF
10 V
R14
1 k
Ω
R15
10.0 k
Ω
1%
R16
10.0 k
Ω
1%
R4
160
Ω
R12
150
Ω
R13
11
Ω
C1
1
µF
100 V
U2
PC357
N1T
R11
10 k
Ω
PI-3824-111005
DPA-Switch
5 V, 2.4 A
J2-2
RTN
J2-1
7.5 V, 0.4 A
J2-3
20 V, 10 mA
J2-4
C13
68 nF
4
5
3
6
7
1
8
7
2
7
8
6
5
4
3
Ethernet
(RJ-45)
Connector
R2
13.3 k
Ω
1%
R52
20 k
Ω
D101
DL4002
DL4002
D102
D103
DL4002
DL4002
D104
D105
DL4002
DL4002
D106
D107
DL4002
DL4002
D108
R22
10 k
Ω
R23
174 k
1%
R21
10 k
R51
24.9 k
Ω
1% 1/4 W
D51
BAV19
D52
BAV19
C51
1 nF
50 V
R54
20
Ω
VR51
28 V
(1,2)
(4,5)
(3,6)
(7,8)
D
S
C
L
F
X
CONTROL
C12
100 nF
R53
20 k
Ω
Q51
TIP29C (100 V/1 A)
or MMBTA06
C4
220 nF
Q20
MMBTS3906


Similar Part No. - DI-70

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-74 POWERINT-DI-74 Datasheet
279Kb / 2P
1.25 W Non-Isolated Constant Current LED Driver
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-76 POWERINT-DI-76 Datasheet
285Kb / 2P
3.1 W Low Parts Count Power Supply
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
More results

Similar Description - DI-70

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
WJ Communication. Inc.
MPR5000 WJCI-MPR5000 Datasheet
546Kb / 2P
EPC Class 0/1 and 0 with Integral UHF Antenna
logo
Power Integrations, Inc...
DI-88 POWERINT-DI-88 Datasheet
301Kb / 2P
PoE Detection and Classification (Class 0-3) Interface Circuit
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
USB charger detection interface
18-Nov-2008
logo
ON Semiconductor
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
Headset Detection Interface Interface
June, 2014 ??Rev. 5
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
Headset Detection Interface Interface
June, 2014 ??Rev. 3
logo
SEMTECH ELECTRONICS LTD...
1.5KE SEMTECH_ELEC-1.5KE Datasheet
528Kb / 4P
Plastic package has UL flammability Classification 94V-0
logo
DIYI Electronic Technol...
SL52 DYELEC-SL52 Datasheet
742Kb / 2P
Plastic package Underwirters Laboratory Flammability Classification 94V-0
logo
Molex Electronics Ltd.
0857910020 MOLEX1-0857910020 Datasheet
39Kb / 2P
PDJack Gigabit POE Class 0
logo
Maxim Integrated Produc...
MAX5969BEVKIT MAXIM-MAX5969BEVKIT Datasheet
828Kb / 9P
PD Detection and Configurable Classification Signatures
Rev 0; 3/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com