Electronic Components Datasheet Search
  English  ▼

X  

DI-75 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-75
Description  Low Cost 2.5 W Regulated Charger/Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-75 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-75 Datasheet HTML 1Page - Power Integrations, Inc. DI-75 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-75
LinkSwitch® Low Cost 2.5 W
Regulated Charger/Adapter
Design Highlights
• Replaces a linear transformer based power supply at the
same or lower cost, with better output regulation
• No-loadinputpowerconsumption<300mWat230VAC
input: meets worldwide energy efficiency guidelines
• Extremely simple circuit – requires only 26 components!
• Output voltage (CV) tolerance: ±5% at peak power
point
• Output current (CC) tolerance: ±25% when L ≤ ±10%
• Features short-circuit, open loop and thermal protection
• Greater than 70% efficient!
• Meets EN550022 B EMI without a Y-1 Safety capacitor
• Ultra-low leakage current: < 5 µA at 265 VAC input
Operation
Fusible resistor RF1 gives short-circuit fault protection and
limits start-up inrush current. Inductors L1 and L2 and
capacitorsC1andC2formalow-costpi(π)filterthatattenuates
conducted EMI. Transformer (T1) winding phasing and D7
orientation let no secondary winding current flow when the
U1-MOSFETis ON, so the primary winding current stores its
energy in the core of T1. When the U1-MOSFET turns OFF,
the energy stored in T1 drives current out of the secondary
winding, forward biasing D7, charging C7 and developing/
maintaining the output voltage across C7. The RCD network
of C3, D5, R1 and R2 clamps the flyback voltage across the
primary winding, as the U1-MOSFET turns OFF.
The bias/feedback winding provides U1 with CONTROL pin
current. In CV mode, that current is controlled by the U2-
phototransistor. At start-up and in CC mode, when U2 is OFF,
R5 provides the feedback path. Diode D6 is in the return leg of
thewinding,makingitshieldthecorefromtheprimarywinding.
The bias winding and the primary-to-secondary shield winding
both reduce EMI.
CONTROL pin capacitor C6 stores energy and supplies it to
U1 at start-up, determines the “restart attempt rate” in the auto-
restart mode, shunts high frequency switching noise around U1
and provides U1 with the instantaneous MOSFET gate-drive
current it requires. The combined voltages of VR1, R7 and the
U2-LED determine the output voltage. Resistor R8 provides
bias current to VR1. The output voltage can be fine-tuned by
adjusting the values of R7 and R8.
LinkSwitch
solutions must only operate in discontinuous
conduction mode. P
O
0.5 L I2f, where P
O = Output Power,
L = transformer primary inductance, I = LinkSwitch
peak current, f = Switching frequency. I2f is accurately
controlled for LinkSwitch; therefore P
O is proportional to L.
www.powerint.com
DI-75
May 2004
PI-3869-051204
85 - 265
VAC
L
N
RTN
5.0 V, 0.5 A
RF1
8.2
Ω
1 W
Fusible
D1-D4
1N4005 x 4
C1
4.7
µF
400 V
L1
1.0 mH
C3
470 pF
500 V
D5
1N4007G
U1
LNK520
U2
U2
L2
Ferrite
Bead
C6
220 nF
PC817A
PC817A
C5
1
µF
50 V
12T
26 AWG TIW
D7
11DQ06
T1 EE13
Lp = 2.40 mH
D6
1N4005G
3
3
7
1
8
2
4
C7
330
µF
16 V
R4
15
Ω
R2
150 k
Ω
R1
100
Ω
114T
35 AWG
C2
4.7
µF
400 V
LinkSwitch
R8
910
Ω
R7
120
Ω
VR1
4.7 V
2%
R5
7.5 k
Ω
D
S
C
Figure 1. 2.5 W LinkSwitch Based Charger/Adapter.
~~
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
Charger/Adaper
LNK520
2.5 W
85-265 VAC
5.0 V
Flyback


Similar Part No. - DI-75

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-70 POWERINT-DI-70 Datasheet
348Kb / 2P
PoE Detection and Classification (Class 0) Interface Circuit
DI-74 POWERINT-DI-74 Datasheet
279Kb / 2P
1.25 W Non-Isolated Constant Current LED Driver
DI-76 POWERINT-DI-76 Datasheet
285Kb / 2P
3.1 W Low Parts Count Power Supply
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
More results

Similar Description - DI-75

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
Low-Cost Battery Charger
Rev 0; 12/05
logo
Power Integrations, Inc...
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
Low Cost 2.75 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-58 POWERINT-DI-58 Datasheet
366Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
Low Cost 2.5 W CV/CC Charger or Adapter
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
Low Cost 2 W CV Power Adapter
logo
Ultralife Corporation.
UAD0014 ULTRALIFE-UAD0014 Datasheet
443Kb / 1P
Charger Adapter
Rev: B
logo
STMicroelectronics
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com