Electronic Components Datasheet Search
  English  ▼

X  

DI-80 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-80
Description  0.6 W Non-Isolated Utility Meter Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-80 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-80 Datasheet HTML 1Page - Power Integrations, Inc. DI-80 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-80
LinkSwitch-TN 0.6 W Non-Isolated
Utility Meter Power Supply
Design Highlights
• Universal AC input voltage range
• Meets EN62053-21:2003 (<1 W real and <5 VAapparent
input power at 265 VAC)
• Long holdup time (140/580 ms at 115/230 VAC)
• High efficiency (>60 % at 265 VAC)
• Very low no-load consumption (0.15 W at 265 VAC)
• EMI compliant (EN55022B, CISPR-22B)
• Extended line surge withstand with integrated 700 V
MOSFET
• Small size and light weight
• ScalableoutputpowerusinglargerLinkSwitch-TNfamily
members
Operation
Using the buck topology, the circuit shown in
Figure 1 generates a non-isolated 12V, 50 mAoutput.Typical
uses include utility meter and industrial and motor control
applications.
TheAC input is rectified and filtered by D1, D2, C1, C2, RF1,
R1, and R2. Two rectifiers improve both line surge withstand
(2 kV) and conducted EMI. Resistor RF1 should be a fusible
flameproof type, whereas R1 and R2 can be flameproof only.
In meter applications, capacitors C1 and C2 are sized for the
required holdup time to write the meter reading to non-volatile
memory after a power outage.
LinkSwitch-TN
useson/offcontroltoregulatetheoutputvoltage.
When the current into the FEEDBACK (FB) pin exceeds
49 µA, MOSFET switching is disabled for the next switching
cycle. The 49 µA threshold is specified at an FB pin voltage of
1.65 V (±7% over the entire operating temperature range),
allowing it to be used as a reference.
The power processing stage is formed by the LinkSwitch-TN,
freewheelingdiodeD3,outputchokeL1,andtheoutputcapacitor
C5. To a first order, the forward voltage drops of D3 and D4
are equal. Therefore, the voltage across C4 tracks the output
voltage. The voltage across C4 is sensed and regulated via the
resistor divider R4 and R3 connected to the LNK302 FB pin.
The values of R3 and R4 are selected such that, at the desired
output voltage, the voltage at the FB pin is 1.65 V. Resistor R5
establishes a small 3.6 mA pre-load and is only necessary for
applications where regulation to zero load is required.
The value of L1 is selected according to the LinkSwitch-TN
Design Guide (AN-37) or the PIXIs design spreadsheet (part of
PI Expert™
power supply design software). Both are available
at www.powerint.com.
www.powerint.com
Figure 1. LinkSwitch-TN 0.6 W, 12 V, Universal Input Power Supply Using a Non-Isolated Buck Topology.
DI-80
®
September 2004
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
Utility Meter
LNK302
0.6 W
85-265 VAC, 47-63 Hz
12 V, 50 mA
Buck
RTN
12 V,
50 mA
85-265
VAC
PI-3918-081104
FB
BP
S
D
LinkSwitch-TN
C1
4.7
µF
400 V
C3
100 nF
D2
1N4007
D1
1N4007
D3
UF4005
LNK302
D4
1N4005GP
C5
47
µF
16 V
RF1
8.2
Ω
2 W
R4
11.0 k
Ω
1%
R1
220
Ω
0.5 W
R2
220
Ω
0.5 W
R3
1.82 k
Ω
1%
L1
1.5 mH
130 mA
C2
4.7
µF
400 V
C4
1
µF
16 V
R5
3.3 k
Ω


Similar Part No. - DI-80

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-85 POWERINT-DI-85 Datasheet
554Kb / 2P
2 W Charger: Replaces Unregulated Linear Solutions
DI-88 POWERINT-DI-88 Datasheet
301Kb / 2P
PoE Detection and Classification (Class 0-3) Interface Circuit
logo
List of Unclassifed Man...
DI-8884A ETC2-DI-8884A Datasheet
45Kb / 2P
High Voltage Cathode Decoder/Driver
logo
Power Integrations, Inc...
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
Low Cost 2 W CV Power Adapter
More results

Similar Description - DI-80

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-45 POWERINT-DER-45 Datasheet
105Kb / 9P
1.8W non-isolated Power Supply using LNK304
DER-47 POWERINT-DER-47 Datasheet
86Kb / 9P
2W Non-isolated Power Supply using LNK305P
DER-110 POWERINT-DER-110 Datasheet
624Kb / 23P
7.3 W Dual Output Non-Isolated Power Supply using TNY266P
DI-122 POWERINT-DI-122 Datasheet
382Kb / 2P
13 W (17.2 W Peak) Non-Isolated Power Supply for White Goods: <150 mW No-load Power Consumption
DI-133 POWERINT-DI-133 Datasheet
334Kb / 2P
Non-isolated Induction Cooktop Auxiliary Supply
DI-138 POWERINT-DI-138 Datasheet
159Kb / 2P
1.2 W, Non-isolated Dual Output Supply for White Goods
logo
Renesas Technology Corp
ISL31490E RENESAS-ISL31490E Datasheet
1Mb / 26P
Utility meters/automated meter reading systems
logo
Schneider Electric
METSEION7403 SCHNEIDER-METSEION7403 Datasheet
133Kb / 4P
PowerLogic ION7400 DIN rail mount - utility meter base
May 21, 2020
logo
Maxim Integrated Produc...
MAXREFDES125 MAXIM-MAXREFDES125 Datasheet
627Kb / 10P
MAXREFDES125# Non-isolated 24V to 5.1V, 20W Power Supply
2017
logo
AiT Semiconductor Inc.
AP8025 AITSEMI-AP8025 Datasheet
627Kb / 12P
NON-ISOLATED W/FIXED 5VOUT SYNCHRONOUS
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com