Electronic Components Datasheet Search
  English  ▼

X  

DI-84 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-84
Description  3 W Charger: <30 mW No-load Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-84 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-84 Datasheet HTML 1Page - Power Integrations, Inc. DI-84 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.powerint.com
Design Idea DI-84
TinySwitch-II 3 W Charger:
<30 mW No-load Consumption
June 2005
DI-84
®
Design Highlights
• Less than 30 mW no-load power consumption (for
115/230 VAC input)
• Meets CISPR-22 Class B without Y capacitor
• Low cost, low component count solution
• Meets CEC active mode efficiency with good margin
Operation
The TinySwitch-II flyback converter in Figure 1 generates
TinySwitch-II
TinySwitch-II
a constant voltage, constant current (CV/CC) 5 V, 600 mA
output. Typical applications include wall-mounted chargers
for cell phones, PDAs and other battery powered portable
equipment.
The key performance characteristic of the circuit shown is
the extremely low no-load consumption of <30 mW. A linear
transformer charger of similar rating will typically consume
1 W to 4 W at no-load. At $0.12/kWh, the TinySwitch-II can
TinySwitch-II
TinySwitch-II
therefore reduce energy costs by $1 to $4 per year.
This no-load performance is achieved by using a transformer
biaswindingasalowvoltagesourceforTinySwitch-IIoperating
TinySwitch-II
TinySwitch-II
current. Even without this winding, a TinySwitch-II circuit will
TinySwitch-II
TinySwitch-II
consume <300 mW at no-load. The bias winding disables the
internal high voltage current source, which normally powers
the IC from the DRAIN pin, thereby further reducing power
consumption.
The bias winding should provide enough current to fully
disable the internal current source at no-load. Other load
conditions are not important, as the device will be powered
from the DRAIN pin if bias is lost. This allows a simple
flyback winding to be used. Figure 2 shows that the bias
winding and choice of R2 should provide approximately
600 µA at no-load to minimize consumption.
The circuit meets CISPR-22 Class B conducted EMI limits
without aYcapacitor, and therefore has very lowAC leakage
current. Superior EMI performance is achieved via the
TinySwitch-II
frequency jitter, an output RC snubber, use of
TinySwitch-II
TinySwitch-II
the bias winding as a shield, and careful selection of clamp
Zener voltage.
Key Design Points
• Design bias winding circuit to provide approximately
600 µA at no-load. Figure 2 shows the details.
• Minimizesecondarycircuitbiascurrents.Uselowcurrent
feedback Zeners for best tolerance. The very low Zener
bias current in this design will provide better than ±10%
output voltage tolerance.
• Designtransformerwithlowreflectedvoltagetominimize
clamplosses.Alargerdevice(TNY266)mayenablefurther
reduction in V
OR.
• Wind transformer for lowest leakage inductance. Choose
wire gauges to completely fill winding layers.
Fusible
PI-3659-060205
L3
Ferrite
Bead
R4
820
Ω
5 V, 0.6 A
RTN
U2
PC817A
D
S
EN/UV
BP
TinySwitch-II
85 - 265
VAC
L
N
U1
TNY264P
RF1
8.2
Ω
1.0 W
D1
1N4005
D2
1N4005
D3
1N4005
D4
1N4005
D5
1N4007G
L1
1.0 mH
L2
Ferrite
Bead
R1
200
Ω
1/2 W
C2
4.7
µF
400V
C1
4.7
µF
400V
VR1
BZY97-
C130
1
2
R6
33
Ω
C3
470 pF
100V
R5
2.4
Ω
2 W
C7
100
µF
10V
D7
11DQ06
R3
1.5 k
Ω
C6
470
µF
10 V
VR2
BZX79-
B5V1
Q1
2N3906
R2
9.2 k
Ω
D6
1N4148
C5
47
µF
16 V
T1
C4
0.1
µF
50 V
102T
32 AWG
15T
32 AWG
8T
24 AWG T.I.
T1 EE13
LP = 1.9 mH
4
3
7
8
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
Charger
TNY264P
3 W
85-265 VAC
5 V, 600 mA
Flyback
Figure 1. TinySwitch-II 3.0 W Cell Phone Charger.


Similar Part No. - DI-84

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-80 POWERINT-DI-80 Datasheet
300Kb / 2P
0.6 W Non-Isolated Utility Meter Power Supply
DI-85 POWERINT-DI-85 Datasheet
554Kb / 2P
2 W Charger: Replaces Unregulated Linear Solutions
DI-88 POWERINT-DI-88 Datasheet
301Kb / 2P
PoE Detection and Classification (Class 0-3) Interface Circuit
logo
List of Unclassifed Man...
DI-8884A ETC2-DI-8884A Datasheet
45Kb / 2P
High Voltage Cathode Decoder/Driver
logo
Power Integrations, Inc...
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
Low Cost 2 W CV Power Adapter
More results

Similar Description - DI-84

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-27 POWERINT-DI-27 Datasheet
51Kb / 2P
3 W AC Adapter: <10 mW No-load Consumption
DI-28 POWERINT-DI-28 Datasheet
49Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-33 POWERINT-DI-33 Datasheet
59Kb / 2P
Wide Range DVD Supply: <50 mW No-load Consumption
DI-43 POWERINT-DI-43 Datasheet
51Kb / 2P
30 W, Universal Input, 12 V Supply with <250 mW No-load
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-116 POWERINT-DI-116 Datasheet
448Kb / 2P
28 W Multiple Output Supply with <50 mW o-Load Consumption
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
DI-122 POWERINT-DI-122 Datasheet
382Kb / 2P
13 W (17.2 W Peak) Non-Isolated Power Supply for White Goods: <150 mW No-load Power Consumption
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com