Electronic Components Datasheet Search
  English  ▼

X  

ARF475FL Datasheet(PDF) 1 Page - Advanced Power Technology

Part # ARF475FL
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF475FL Datasheet(HTML) 1 Page - Advanced Power Technology

  ARF475FL Datasheet HTML 1Page - Advanced Power Technology ARF475FL Datasheet HTML 2Page - Advanced Power Technology ARF475FL Datasheet HTML 3Page - Advanced Power Technology ARF475FL Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS
All Ratings: T
C
= 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS (each device)
Symbol
BV
DSS
V
DS(ON)
I
DSS
I
GSS
g
fs
g
fs1
/
g
fs2
V
GS(TH)
∆V
GS(TH)
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250 µA)
On State Drain Voltage 1 (I
D(ON)
= 5A, V
GS
= 10V)
Zero Gate Voltage Drain Current (V
DS
= V
DSS
, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 50V, V
GS
= 0, T
C
= 125°C)
Gate-Source Leakage Current (V
GS
= ±30V, V
DS
= 0V)
Forward Transconductance (V
DS
= 15V, I
D
= 5A)
Forward Transconductance Match Ratio (V
DS
= 15V, I
D
= 5A)
Gate Threshold Voltage (V
DS
= V
GS
, I
D
= 200mA)
Gate Threshold Voltage Match (V
DS
= V
GS
, I
D
= 200mA)
MIN
TYP
MAX
500
2.9
4
25
250
±100
3
3.6
0.9
1.1
2
3.3
4
0.2
UNIT
Volts
µA
nA
mhos
Volts
Symbol
V
DSS
V
DGO
I
D
V
GS
P
D
T
J
,T
STG
T
L
Parameter
Drain-Source Voltage
Drain-Gate Voltage
Continuous Drain Current @ T
C
= 25°C
(each device)
Gate-Source Voltage
Total Device Dissipation @ T
C
= 25°C
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
ARF475FL
500
500
10
±30
483
-55 to 175
300
UNIT
Volts
Amps
Volts
Watts
°C
RF POWER MOSFET
N - CHANNEL ENHANCEMENT MODE
165V
300W 150MHz
The ARF475FL is a matched pair of RF power transistors in a common source configuration. It is designed for high voltage
push-pull or parallel operation in narrow band ISM and MRI power amplifiers up to 150 MHz.
• Specified 150 Volt, 128 MHz Characteristics:
•
Output Power = 900 Watts Peak
•
Gain = 15dB (Class AB)
•
Efficiency = 50% min
• High Performance Push-Pull RF Package.
• High Voltage Breakdown and Large SOA
for Superior Ruggedness.
• Low Thermal Resistance.
ARF475FL
Common Source
Push-Pull Pair
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
THERMAL CHARACTERISTICS
Symbol
RθJC
RθCS
Characteristic
Junction to Case
Case to Sink (Use High Efficiency Thermal Joint Compound and Planar Heat Sink Surface.)
MIN
TYP
MAX
0.31
0.1
UNIT
°C/W
G
G
D
S
S
S
S
D


Similar Part No. - ARF475FL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ARF475FL MICROSEMI-ARF475FL Datasheet
485Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF475FL MICROSEMI-ARF475FL Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF475FL MICROSEMI-ARF475FL_10 Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
More results

Similar Description - ARF475FL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF1500 ADPOW-ARF1500 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 ADPOW-ARF1501 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1502 ADPOW-ARF1502 Datasheet
114Kb / 2P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF442 ADPOW-ARF442 Datasheet
55Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF444 ADPOW-ARF444 Datasheet
64Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF1500 ADPOW-ARF1500 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Microsemi Corporation
ARF460A MICROSEMI-ARF460A Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1501 MICROSEMI-ARF1501 Datasheet
150Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF1505 MICROSEMI-ARF1505 Datasheet
147Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF300 MICROSEMI-ARF300_10 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com