Electronic Components Datasheet Search
  English  ▼

X  

TDA3662 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA3662
Description  Very low dropout voltage/quiescent current 3.0 V voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3662 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA3662 Datasheet HTML 1Page - NXP Semiconductors TDA3662 Datasheet HTML 2Page - NXP Semiconductors TDA3662 Datasheet HTML 3Page - NXP Semiconductors TDA3662 Datasheet HTML 4Page - NXP Semiconductors TDA3662 Datasheet HTML 5Page - NXP Semiconductors TDA3662 Datasheet HTML 6Page - NXP Semiconductors TDA3662 Datasheet HTML 7Page - NXP Semiconductors TDA3662 Datasheet HTML 8Page - NXP Semiconductors TDA3662 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2000 Apr 26
3
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
3.0 V voltage regulator
TDA3662
BLOCK DIAGRAM
handbook, halfpage
MBL134
REGULATOR
2, 4 (2, 3, 6, 7)
3 (1)
GND
1 (8)
REG
VP
BAND GAP
TDA3662
THERMAL
PROTECTION
Fig.1 Block diagram.
Pin numbers in brackets refer to the SO8 version.
PINNING
Note
1. For the SO8 package all pins GND are connected to the lead frame and can also be used to reduce the total thermal
resistance Rth(j-a) by soldering these pins to a ground plane. The ground plane on the top side of the PCB acts like a
heat spreader.
SYMBOL
PIN
DESCRIPTION
SO4
SO8
VP
1
8
supply voltage
GND
2 and 4
2, 3, 6 and 7
ground; note 1
REG
3
1
regulator output
n.c.
−
4 and 5
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com