Electronic Components Datasheet Search
  English  ▼

X  

DI-92 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-92
Description  0.5 W Non-Isolated Constant Current LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-92 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-92 Datasheet HTML 1Page - Power Integrations, Inc. DI-92 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-92
LinkSwitch-TN 0.5 W Non-Isolated
Constant Current LED Driver
Design Highlights
• Extremely low component count – only 9 components
required
• Universal AC input range – single design worldwide
• Low cost, small size and very lightweight
• Replacement for passive capacitor or resistor droppers
• High efficiency (approximately 70% at 85 VAC)
• Meets EN55022 B EMI limits with >8 dB margin (see
Figure 2)
Operation
Figure 1 shows a simple buck-boost converter, operating in
open loop with no output feedback, being used as a constant
current LED driver. The circuit relies on the internal current
limiting function of the LNK302, which ensures constant
current is supplied to the load. Typical uses include night-
lights, neon sign replacements, emergency exit signs or any
application utilizing LEDs for lighting.
TheAC input is rectified and filtered by D1, C1, C2, and RF2.
For safety, resistor RF1 should be a fusible flameproof type,
whereas RF2 can be flameproof only.
LinkSwitch-TN
uses current limited ON/OFF control to
regulate the output current. This type of control inherently
rejects any input voltage variations over the entire operating
range. Current greater than 49 µA into the FEEDBACK pin
disables the MOSFET for that switching cycle. Since there
is never any current being fed back into the FEEDBACK pin
in this application, the device will switch and ramp up to the
current limit for each and every cycle.
Since the peak current is limited and fixed for each cycle, the
output power is solely determined by the size of the inductor.
It is recommended that this design operate in the discontinuous
conduction mode (DCM). Besides better EMI performance,
this also ensures that a low cost 75 ns reverse recovery diode
such as the UF4005 can be used. For designs that operate in
the continuous conduction mode (CCM), a more expensive
but faster diode (30 ns reverse recovery) like the BYV26C
may be required.
The output will be replenished every switching cycle (66 kHz),
and thus the need for the output filter capacitor is eliminated.
Persistence of vision of the human eye (typically 10 ms) is much
longer than the switching period, and it thus sees a consistent
light output without flicker.
Select the value of L1 following the LinkSwitch-TN Design
Guide (www.powerint.com/appnotes.htm), or using the PI Xls
design spreadsheet (www.powerint.com/designsoftware.htm).
EntertheoutputvoltageasthevoltageoftheLEDstring,andthe
output current as the total combined LED current. Alternately,
one can calculate the inductance using
www.powerint.com
Figure 1. A 0.5 W, 12.9 V, 40 mA Constant Current LED Driver, Using a Non-Isolated Buck-Boost Topology.
DI-92
®
September 2005
Application
Device
Power Output
Input Voltage
Output Current
Topology
LED Driver
LNK302P
0.5 W
85-265 VAC
40 mA
Buck-Boost
RF1
8.2
Ω, 1 W
Fusible
D1
1N4007
D3
UF4005
C1
2.2 uF
400 V
C2
2.2 uF
400 V
LED 1-12
13 mA per string
(average)
C3
0.1 uF
50 V
RF2
47
Ω
U1
LNK302P
85-265
VAC
PI-4087-082605
FB
BP
S
D
LinkSwitch-TN
L1
1 mH
P
L I
f
L
I
f
P
2
1
2
O
LIMIT
S
LIMIT
S
O
2
2
&
$ $
$ $
$ $
$
=
=
h
h


Similar Part No. - DI-92

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-91 POWERINT-DI-91 Datasheet
426Kb / 2P
12 W Universal Input CV Adapter
DI-93 POWERINT-DI-93 Datasheet
429Kb / 2P
General Purpose 32 W Continuous (81 W Peak) Supply
More results

Similar Description - DI-92

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-74 POWERINT-DI-74 Datasheet
279Kb / 2P
1.25 W Non-Isolated Constant Current LED Driver
logo
Unisonic Technologies
UL82A UTC-UL82A Datasheet
400Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98B UTC-UL98B Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98C UTC-UL98C Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82B UTC-UL82B Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL96A UTC-UL96A Datasheet
193Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
logo
Maxic Technology Corpor...
MT9710 MAXIC-MT9710 Datasheet
80Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9712D MAXIC-MT9712D Datasheet
73Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
MT9713D MAXIC-MT9713D Datasheet
72Kb / 2P
Analog Dimmable Non-isolated Constant Current LED Driver
logo
CHIPLINK SEMICONDUCTOR
CL1501 CHIPLINK-CL1501 Datasheet
371Kb / 9P
Non-isolated step-down LED constant current driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com