Electronic Components Datasheet Search
  English  ▼

X  

DI-93 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-93
Description  General Purpose 32 W Continuous (81 W Peak) Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-93 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-93 Datasheet HTML 1Page - Power Integrations, Inc. DI-93 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-93
PeakSwitch™ General Purpose
32 W Continuous (81 W Peak) Supply
www.powerint.com
Figure 1. 32 W (Continuous), 81 W (Peak) Power Supply Using PKS606Y.
DI-93
June 2006
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
Inkjet Printer
PKS606Y
32 W / 81 W pk
90-265 VAC
30 V
Flyback
Design Highlights
• Delivers up to 2.5 times the full load power for 50 ms
• Uses a small EE25 core transformer
• Meets EPS active-mode efficiency specifications
• No-load input power <200 mW at 265 VAC
• High standby and sleep mode efficiency: >66% and 75%
Operation
Thissupplyisconfiguredasaflybackconverter. TheON/OFF
controller integrated within the PeakSwitch IC (U1) has an
internal oscillator frequency of 277 kHz. Feedback from the
outputcausesthecontrollertoskipMOSFETswitchingcycles
to regulate the output voltage. The skipping of switching
cycles adjusts the converter s effective switching frequency
(F
SW_EFF) to meet the demands of the load. When delivering
32 W continuously, the F
SW_EFF is near 90 kHz. When the load
demands peak power from the supply, the controller skips
fewer switching cycles, raising the F
SW_EFF. This enables the
supply to deliver peak power pulses of up to 81 W (for up to
50 ms), while keeping the output voltage in regulation.
PeakSwitch
has three functions that interact with each other:
auto-restart, conditional latching shutdown and smart AC line
sense. Components D5, C7, R5 and R6 enable the smart AC
line sense and the under-voltage lockout (UVLO) functions.
When U1 does not skip any switching cycles for >30 ms, the
auto-restart function activates. If AC line voltage is absent or
insufficient for normal operation when auto-restart activates,
latching shutdown is disabled, and normal operation will
resume after the AC line voltage is restored. If AC line voltage
is sufficient for normal operation when auto-restart activates,
latching shutdown is enabled, andAC power must be removed
and reapplied to reset the latch. The low value of C7 enables
latch reset to occur quickly, once AC is removed.
The smart AC line sense components also enable the UVLO
function. UVLO inhibits MOSFET switching until current
into the EN/UV pin is >25 µA. Resistor R16 supplies the
1 µA threshold current that activates the UVLO and AC sense
features, keeping those functions activated during brownouts
and line sags.
T1
EE25
J1
L
PE
N
30 V @
1.07 A Cont.
2.7 A Peak
RTN
D5
1N4007
D6
FR106
D10
UF4003
D8
STPS3150
D9
1N4148
D7
1N4148
U2
PC817X4
Q2
FS202DA
J3
PCB Term 18 AWG
RTN Connected to PE via Flying Lead
Q1
2N3906
D1-D4
1N4007
L1
5.3 mH
L2
5.3
µH
R2
1.3 M
Ω
R1
1.3 M
Ω
R15
2.2
Ω
R4
22
Ω
1/2 W
R3
10 k
Ω
1/2 W
R5
2.2 M
Ω
R6
2.4 M
Ω
R16
2.7 M
Ω
R7
4.7 k
Ω
R12
1 k
Ω
R13
1 k
Ω
R14
100
Ω
R11
3 k
Ω
R10
1.5 k
Ω
R9
0.33
Ω
2 W
R8
68
Ω
1/2 W
C3
680 nF
X1
C1-C2
100 pF
250 VAC
C17
4.7 nF
1 kV
C6
47
µF
35 V
C15
100 nF
50 V
C16
100 nF
C12
330
µF
50 V
C10
1 nF
250 VAC
C11
330 pF
U1
PKS606Y
C13
47
µF
16 V
C14
220 nF
50 V
C7
100 nF
400 V
C8
220 nF
50 V
C5
2.2 nF
1 kV
VR1
1N4764A
100 V
VR2
1N5255B
28 V
VR3
1N5258B
36 V
1
9,10
7,8
4
5
3
2
C4
150
µF
400 V
F1
3.15 A
RT1
10
Ω
PI-4170-060706
tO
PeakSwitch
C19
1 nF, 250 VAC
D
S
EN/UV
BP
GND


Similar Part No. - DI-93

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-91 POWERINT-DI-91 Datasheet
426Kb / 2P
12 W Universal Input CV Adapter
DI-92 POWERINT-DI-92 Datasheet
539Kb / 2P
0.5 W Non-Isolated Constant Current LED Driver
More results

Similar Description - DI-93

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
DI-129 POWERINT-DI-129 Datasheet
668Kb / 2P
33 W (60 W Peak) PVR Power Supply
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
logo
CUI INC
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
224Kb / 5P
AC-DC POWER SUPPLY up to 25 W continuous output
logo
M/A-COM Technology Solu...
MADL-011014 MA-COM-MADL-011014 Datasheet
763Kb / 5P
320 W Peak Power Limiter
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
logo
M/A-COM Technology Solu...
MADL-011014 MA-COM-MADL-011014_15 Datasheet
746Kb / 5P
320 W Peak Power Limiter
MADL-011015 MA-COM-MADL-011015 Datasheet
586Kb / 6P
250 W Peak Power Limiter
logo
STMicroelectronics
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
29-May-2015
logo
CUI INC
SWI25-E CUI-SWI25-E Datasheet
439Kb / 4P
up to 25.2 W continuous power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com