Electronic Components Datasheet Search
  English  ▼

X  

BFR91G Datasheet(PDF) 3 Page - Advanced Power Technology

Part # BFR91G
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

BFR91G Datasheet(HTML) 3 Page - Advanced Power Technology

  BFR91G Datasheet HTML 1Page - Advanced Power Technology BFR91G Datasheet HTML 2Page - Advanced Power Technology BFR91G Datasheet HTML 3Page - Advanced Power Technology BFR91G Datasheet HTML 4Page - Advanced Power Technology BFR91G Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFR91
BFR91G
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Rev A 9/2005
FUNCTIONAL
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
NF
Noise Figure
(IC = 2.0 mAdc, VCE = 5.0 Vdc, f = 0.5 GHz)
(IC = 2.0 mAdc, VCE = 5.0 Vdc, f = 1.0 GHz)
-
1.9
2.5
-
dB
GNF
Power Gain at Optimum Noise Figure
(IC = 2.0 mAdc, VCE = 5.0 Vdc, f = 0.5 GHz)
(IC = 2.0 mAdc, VCE = 5.0 Vdc, f = 1.0 GHz)
-
11
8.0
-
dB
|S21|
2
Insertion Gain
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 0.5 GHz)
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 1.0 GHz)
14.5
15.5
10.2
-
dB
MSG
Maximum Stable Gain
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 0.5 GHz)
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 1.0 GHz)
-
18.6
12.9
-
dB
G
U max
Maximum Unilateral Gain (1)
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 0.5 GHz)
(IC = 30 mAdc, VCE = 5.0 Vdc, f = 1.0 GHz)
-
16.5
10.9
-
dB
Table 1. Common Emitter S-Parameters, @ VCE = 5.0 V, IC = 30 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
0.258
-115
25.77
123
0.021
76
0.536
-33
200
0.290
-149
14.66
103
0.038
74
0.384
-43
300
0.298
-164
10.05
94
0.054
75
0.311
-45
500
0.305
-179
6.18
84
0.085
75
0.264
-49
700
0.302
170
4.5
77
0.117
73
0.256
-52
800
0.304
166
3.98
73
0.133
72
0.257
-54
1000
0.304
158
3.24
67
0.166
70
0.251
-57
1500
0.256
134
2.3
54
0.24
65
0.263
-69



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com