| Electronic Components Datasheet Search |
|
DI-123 Datasheet(PDF) 2 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
DI-123 Datasheet(HTML) 2 Page - Power Integrations, Inc. |
|
2 / 2 page ![]() Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power Integrations' patents may be found at www.powerint.com. Power Integrations grants its customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm. The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, EcoSmart, Clampless, E-Shield, Filterfuse, StackFET, PI Expert and PI FACTS are trademarks of Power Integrations, Inc. Other trademarks are property of their respective companies. ©Copyright 2006, Power Integrations, Inc. For the latest updates, visit www.powerint.com DI-89 DI-123 Rev. A 09/06 Power Integrations 5245 Hellyer Avenue San Jose, CA 95138 Phone: 1-408-414-9200 Apps: 1-408-414-9660 Apps Fax: 1-408-414-9760 For a complete listing of worldwide sales offices, please visit www.powerint.com Table 2. Transformer Construction Information. TIW = Triple Insulated Wire, NC = No Connect • Maximize the value of R8 and minimize the value of C4 for the lowest no-load consumption. However, verify that the peak drain voltage is <650 V at high line, under maximum overload conditions. • Select transformer wire gauge sizes so that each winding layer occupies the full bobbin width. This lowers leakage inductance and improves output cross regulation. • Use option to add E-Shield windings in PI Transformer Designer software to reduce conducted EMI noise generation. • To lower the no-load power consumption even further, use an optional bias supply circuit to feed the rated data sheet current (through a series resistor) to the BP/M pin of U1. TRANSFORMER PARAMETERS Core Material EF20 TDK PC40, or equivalent A LG of 323 nH/T 2 Bobbin EF20, 10 pin (5+5), horizontal Pin Shine P-2015 or equivalent Winding Details Shield: 15T, 2 × 31 AWG Primary: 36T + 35T, 33 AWG Shield: 4T, 5 × 29 AWG 5 V: 3T, 4 × 26 AWG T.I.W. 24 V: 11T, 26 AWG T.I.W. (4 ×26 AWG = quadfilar 26 AWG) Winding Order (Pin Numbers) Apply 2 mm tape margin to both sides of bobbin Shield (1-NC), tape, Primary (3-1), Shield (NC-1), 5 V (6-8), 24 V (10-6) Inductance Primary: 1.62 mH ±5% Leakage: 50 µH maximum Primary Reso- nant Frequency 800 kHz (minimum) Figure 3. Worst Case Conducted EMI at 230 VAC, Full Load Output Return Grounded. Figure 2. Full Load Efficiency vs Input Voltage. 185 205 225 245 265 AC Input Voltage (V) 80 79 78 77 76 75 1.0 EN55022B Limits 0.15 10.0 100.0 -20 -10 0 10 20 30 40 50 60 80 70 MHz QP AV QP AV Table 1. Worst Case Output Cross Regulation at 185 VAC Output Loads Varied as Shown and Maximum Deviation Recorded. Output (V) Load Range (mA) Regulation (%) -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 5 50-250 24 88-350 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |