Electronic Components Datasheet Search
  English  ▼

X  

TDA3663AT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA3663AT
Description  Very low dropout voltage/quiescent current 3.3 V voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3663AT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA3663AT Datasheet HTML 6Page - NXP Semiconductors TDA3663AT Datasheet HTML 7Page - NXP Semiconductors TDA3663AT Datasheet HTML 8Page - NXP Semiconductors TDA3663AT Datasheet HTML 9Page - NXP Semiconductors TDA3663AT Datasheet HTML 10Page - NXP Semiconductors TDA3663AT Datasheet HTML 11Page - NXP Semiconductors TDA3663AT Datasheet HTML 12Page - NXP Semiconductors TDA3663AT Datasheet HTML 13Page - NXP Semiconductors TDA3663AT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
9397 750 15047
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 13 June 2005
10 of 17
Philips Semiconductors
TDA3663
Very low dropout voltage/quiescent current 3.3 V voltage regulator
13. Package outline
Fig 16. Package outline SOT223-1 (SO4)
UNIT
A2
bp
cD
(1)
E
(1)
e1
HE
Lp
Qy
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.7
1.5
A1
0.10
0.02
A3
0.25
1.8
0.85
0.65
b1
3.15
2.95
0.35
0.25
6.7
6.3
3.7
3.3
4.6
e
2.3
7.3
6.7
1.02
0.62
1.0
0.8
Z
1.2
0.7
10
°
0
°
0.1
0.1
0.2
L
1.75
DIMENSIONS (mm are the original dimensions)
SOT223-1
TO-261
99-12-15
03-02-19
w M
bp
Z
D
b1
e1
e
A
A1
A2
(A3)
θ
θ
Lp
L
Q
detail X
HE
E
v M A
A
c
y
0
2
4 mm
scale
A
max.
X
13
2
4
SO4: plastic small outline package; 4 leads; body width 3.5 mm
SOT223-1
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com