Electronic Components Datasheet Search
  English  ▼

X  

TDA3665 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA3665
Description  Very low dropout voltage/quiescent current 8.5 V voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3665 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA3665 Datasheet HTML 1Page - NXP Semiconductors TDA3665 Datasheet HTML 2Page - NXP Semiconductors TDA3665 Datasheet HTML 3Page - NXP Semiconductors TDA3665 Datasheet HTML 4Page - NXP Semiconductors TDA3665 Datasheet HTML 5Page - NXP Semiconductors TDA3665 Datasheet HTML 6Page - NXP Semiconductors TDA3665 Datasheet HTML 7Page - NXP Semiconductors TDA3665 Datasheet HTML 8Page - NXP Semiconductors TDA3665 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2000 Apr 25
5
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
8.5 V voltage regulator
TDA3665
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
TDA3665
−
45
V
TDA3665AT
−
45
V
VP(rp)
reverse polarity supply voltage
non-operating
−−25
V
Ptot
total power dissipation
TDA3665AT
temperature of copper area
is 25
°C
−
4.1
W
TDA3665
Tamb =25 °C
−
5W
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
ambient temperature
operating
TDA3665
−40
+125
°C
TDA3665AT
−40
+125
°C
Tj
junction temperature
operating
−40
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
SO8
in free air; soldered in
125
K/W
SO4
in free air; soldered in
100
K/W
Rth(j-c)
thermal resistance from junction to case
SO8
to centre pins; soldered in
30
K/W
SO4
in free air
25
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com