Electronic Components Datasheet Search
  English  ▼

X  

TDA3665AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA3665AT
Description  Very low dropout voltage/quiescent current 8.5 V voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3665AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3665AT Datasheet HTML 2Page - NXP Semiconductors TDA3665AT Datasheet HTML 3Page - NXP Semiconductors TDA3665AT Datasheet HTML 4Page - NXP Semiconductors TDA3665AT Datasheet HTML 5Page - NXP Semiconductors TDA3665AT Datasheet HTML 6Page - NXP Semiconductors TDA3665AT Datasheet HTML 7Page - NXP Semiconductors TDA3665AT Datasheet HTML 8Page - NXP Semiconductors TDA3665AT Datasheet HTML 9Page - NXP Semiconductors TDA3665AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2000 Apr 25
6
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
8.5 V voltage regulator
TDA3665
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured with test circuit (see Fig.4); unless otherwise specified.
Notes
1. The regulator output will follow VP if VP <VREG +VREG(drop).
2. Limiting values as applicable for both device types: VP ≤ 45 V and −40 °C ≤ Tamb ≤ +125 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply voltage: pin VP
VP
supply voltage
regulator operating; note 1
TDA3665
3
14.4
45
V
TDA3665AT
3
14.4
45
V
Iq
quiescent supply current
VP = 4.5 V; IREG =0mA
−
10
−µA
VP = 14.4 V; IREG =0mA
−
15
30
µA
9.5 V
≤ V
P ≤ 22 V; IREG =10mA
−
0.2
0.5
mA
9.5 V
≤ VP ≤ 22 V; IREG =50mA −
1.4
2.5
mA
Regulator output: pin REG; note 2
VREG
output voltage
11.5 V
≤ VP ≤ to 22 V;
IREG = 0.5 mA
8.08
8.5
8.92
V
0.5 mA
≤ I
REG ≤ 100 mA;
Tamb ≤ 125 °C
8.0
8.5
9.0
V
9.5 V
≤ VP ≤ 45 V;
IREG = 0.5 mA; Tamb ≤ 125 °C
8.0
8.5
9.0
V
VREG(drop)
dropout voltage
VP = 7.9 V; Tamb ≤ 85 °C;
IREG =50mA
−
0.18
0.3
V
VREG(stab)
output voltage long-term stability
−
20
−
mV/1000 h
∆VREG(line) line input regulation voltage
10.5 V
≤ VP ≤ to 22 V;
IREG = 0.5 mA
−
130
mV
10.5 V
≤ V
P ≤ 45 V;
IREG = 0.5 mA; Tamb ≤ 125 °C
−
150
mV
∆V
REG(load)
load output regulation voltage
0.5 mA
≤ IREG ≤ 50 mA
−
10
50
mV
SVRR
supply voltage ripple rejection
fi = 120 Hz;
Vi(ripple) = 1 V (RMS);
IREG = 0.5 mA
50
60
−
dB
IREG(crl)
output current limit
VREG > 7.9 V
0.17
0.25
−
A
ILO(rp)
output leakage current at
reverse polarity
VP = −15 V; VREG ≤ 0.3 V
−
1
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com