Electronic Components Datasheet Search
  English  ▼

X  

TDA3672 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3672
Description  Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3672 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3672 Datasheet HTML 3Page - NXP Semiconductors TDA3672 Datasheet HTML 4Page - NXP Semiconductors TDA3672 Datasheet HTML 5Page - NXP Semiconductors TDA3672 Datasheet HTML 6Page - NXP Semiconductors TDA3672 Datasheet HTML 7Page - NXP Semiconductors TDA3672 Datasheet HTML 8Page - NXP Semiconductors TDA3672 Datasheet HTML 9Page - NXP Semiconductors TDA3672 Datasheet HTML 10Page - NXP Semiconductors TDA3672 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2000 Apr 26
7
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
3.0 V voltage regulator with enable
TDA3672
EXAMPLE 1
The regulator is stabilized with an electrolytic capacitor of
68
µF (ESR = 0.5 Ω). At Tamb = −40 °C, the capacitor
value is decreased to 22
µF and the ESR is increased
to 3.5
Ω. The regulator will remain stable at a temperature
of Tamb = −40 °C.
EXAMPLE 2
The regulator is stabilized with an electrolytic capacitor of
10
µF (ESR = 3.3 Ω). At Tamb = −40 °C, the capacitor
value is decreased to 3
µF and the ESR is increased
to 20
Ω. The regulator will remain stable at a temperature
of Tamb = −40 °C.
EXAMPLE 3
The regulator is stabilized with a 100 nF MKT capacitor
connected to the output. Full stability is guaranteed when
the output current is larger then 200
µA.
Because the thermal influence on this capacitor value is
almost zero, the regulator will remain stable at a
temperature of Tamb = −40 °C.
EXAMPLE 4
The regulator is stabilized with a 100 nF capacitor in
parallel with a electrolytic capacitor of 10
µF connected to
the output.
The regulator is now stable under all conditions and
independent of:
• The ESR of the electrolytic capacitor
• The value of the electrolytic capacitor
• The output current.
Application circuits
The maximum output current of the regulator equals:
When Tamb =21 °C and VP = 14 V the maximum output
current equals 117 mA.
For successful operation of the IC (maximum output
current capability) special attention has to be given to the
copper area required as heatsink (connected to all
GND pins), the thermal capacity of the heatsink and its
ability to transfer heat to the external environment.
It is possible to reduce the total thermal resistance from
120 to 50 K/W.
Application circuit with backup function
Sometimes a backup function is needed to supply, for
example, a microcontroller for a short period of time when
the supply voltage spikes to 0 V (or even
−1 V).
This function can be easily built with the TDA3672 by using
a large output capacitor. When the supply voltage is 0 V
(or
−1 V), only a small current will flow into pin REG from
this output capacitor (a few
µA).
The application circuit is given in Fig.6.
I
REG max
()
150
T
amb
–
R
th j
a
–
()
V
P
V
REG
–
()
×
-----------------------------------------------------------
=
150
T
amb
–
100
V
P
3.0
–
()
×
------------------------------------------ mA
()
=
ndbook, halfpage
MBL124
VP
81
2, 3, 6, 7
C2
VI(EN)
5
TDA3672
C1
1
µF
VREG = 3.0 V
Fig.6 Application circuit with backup function.
VI(EN) =5V.
C1 is optional (to minimize supply noise only).
C2
≤ 4700 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com