Electronic Components Datasheet Search
  English  ▼

X  

TDA3672AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA3672AT
Description  Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3672AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA3672AT Datasheet HTML 2Page - NXP Semiconductors TDA3672AT Datasheet HTML 3Page - NXP Semiconductors TDA3672AT Datasheet HTML 4Page - NXP Semiconductors TDA3672AT Datasheet HTML 5Page - NXP Semiconductors TDA3672AT Datasheet HTML 6Page - NXP Semiconductors TDA3672AT Datasheet HTML 7Page - NXP Semiconductors TDA3672AT Datasheet HTML 8Page - NXP Semiconductors TDA3672AT Datasheet HTML 9Page - NXP Semiconductors TDA3672AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Apr 26
6
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
3.0 V voltage regulator with enable
TDA3672
TEST AND APPLICATION INFORMATION
ndbook, halfpage
MBL125
VP
81
2, 3, 6, 7
C2
VI(EN)
5
TDA3672
10
µF
C1
1
µF
VREG = 3.0 V
Fig.3 Test circuit.
VI(EN) =5V.
C1 is optional (to minimize supply noise only).
handbook, halfpage
MDA961
ESR
(
Ω)
C2 (
µF)
102
10
1
10−1
10−1
110
102
stable region
(2)
(1)
Fig.4
Graph for selecting the value of the output
capacitor.
(1) Maximum ESR at 200
µA ≤ IREG ≤ 100 mA.
(2) Minimum ESR only when IREG ≤ 200 µA.
Noise
The output noise is determined by the value of the output
capacitor. The noise figure is measured at a bandwidth of
10 Hz to 100 kHz (see Table 1).
Table 1
Noise figures
Stability
The regulator is stabilized with an external capacitor
connected to the output. The value of this capacitor can be
selected using the diagrams shown in Figs 4 and 5.
The following four examples show the effects of the
stabilization circuit using different values for the output
capacitor.
OUTPUT
CURRENT
IREG (mA)
NOISE FIGURE (
µV)
C2 = 10
µFC2 = 47 µF C2 = 100 µF
0.5
550
320
300
50
650
400
400
handbook, halfpage
MDA962
ESR
(
Ω)
IREG (mA)
103
102
10
22
1
10−1
110
103
102
stable region
Fig.5
ESR as a function of IREG for selecting the
value of the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com