Electronic Components Datasheet Search
  English  ▼

X  

SPN1012 Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPN1012
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN1012 Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPN1012 Datasheet HTML 1Page - SYNC POWER Crop. SPN1012 Datasheet HTML 2Page - SYNC POWER Crop. SPN1012 Datasheet HTML 3Page - SYNC POWER Crop. SPN1012 Datasheet HTML 4Page - SYNC POWER Crop. SPN1012 Datasheet HTML 5Page - SYNC POWER Crop. SPN1012 Datasheet HTML 6Page - SYNC POWER Crop. SPN1012 Datasheet HTML 7Page - SYNC POWER Crop. SPN1012 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2007/01/ 02
Ver.2
Page 3
SPN1012
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID= 250uA
20
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=250uA
0.35
1.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
100
nA
VDS= 20V,VGS=0V
1
Zero Gate Voltage Drain Current
IDSS
VDS= 20V,VGS=0V
TJ=55℃
5
uA
On-State Drain Current
ID(on)
VDS≥ 4.5V,VGS =5V
0.7
A
VGS=4.5V,ID=0.65A
0.26
0.38
VGS=2.5V,ID=0.55A
0.32
0.45
Drain-Source On-Resistance
RDS(on)
VGS=1.8V,ID=0.45A
0.42
0.80
Forward Transconductance
gfs
VDS=10V,ID=0.4A
1.0
S
Diode Forward Voltage
VSD
IS=0.15A,VGS=0V
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
1.2
1.5
Gate-Source Charge
Qgs
0.2
Gate-Drain Charge
Qgd
VDS=10V,VGS=4.5V,
ID≡0.6A
0.3
nC
td(on)
5
10
Turn-On Time
tr
8
15
td(off)
10
18
Turn-Off Time
tf
VDD=10V,RL=10Ω ,
ID≡0.5A
VGEN=4.5V ,RG=6Ω
1.2
2.8
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com