Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4673
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 3 Page - Analog Devices

  LTM4673 Datasheet HTML 1Page - Analog Devices LTM4673 Datasheet HTML 2Page - Analog Devices LTM4673 Datasheet HTML 3Page - Analog Devices LTM4673 Datasheet HTML 4Page - Analog Devices LTM4673 Datasheet HTML 5Page - Analog Devices LTM4673 Datasheet HTML 6Page - Analog Devices LTM4673 Datasheet HTML 7Page - Analog Devices LTM4673 Datasheet HTML 8Page - Analog Devices LTM4673 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 130 page
background image
3
LTM4682
Rev. 0
For more information www.analog.com
TABLE OF CONTENTS
Applications Information ................................55
VIN to VOUT Step-Down Ratios................................55
Input Capacitors .....................................................55
Output Capacitors...................................................55
Light Load Current Operation .................................55
Switching Frequency and Phase .............................56
Output Current Limit Programming ........................57
Minimum On-Time Considerations..........................58
Variable Delay Time, Soft-Start and Output Voltage
Ramping .................................................................58
Digital Servo Mode .................................................58
Soft Off (Sequenced Off)........................................59
Undervoltage Lockout.............................................60
Fault Detection and Handling..................................60
Open-Drain Pins .....................................................60
Phase-Locked Loop and Frequency Synchronization .. 61
Input Current Sense Amplifier.................................62
Programmable Loop Compensation .......................62
Checking Transient Response.................................63
PolyPhase Configuration...........................................64
Connecting The USB to I2C/SMBus/PMBus Controller
to the LTM4682 In System .....................................64
LTpowerPlay: An Interactive GUI for Digital Power .65
PMBus Communication and Command Processing65
Thermal Considerations and Output Current Derating. 67
Table 10 through Table 12: Output Current Derating........71
Table 13. Single Channel Output Voltage vs Capacitor
Selection, 10A to 20A Load Step with 10A/µs
Slew Rate................................................................72
Table 14. Single Channel Output Voltage vs Capacitor
Selection, All Ceramic Configuration, 10A to 20A
Load Step with 10A/µs Slew Rate...........................72
Table 15. Dual Connected Channels Output Voltage
vs Capacitor Selection, Bulk and Ceramic Cap
Configuration, 10A to 30A Load Step with 20A/µs
Slew Rate................................................................73
Table 16. Quad Connected Channels Output Voltage
vs Capacitor Selection, Bulk and Ceramic Cap
Configuration, 10A to 40A Load Step with 15A/µs
Slew Rate................................................................73
EMI Performance.................................................... 74
Safety Considerations............................................. 74
Layout Checklist/Example ......................................75
Typical Application .......................................76
PMBus Command Details ...............................81
Addressing and Write Protect.................................81
General Configuration Commands..........................83
On/Off/Margin ........................................................84
PWM Configuration ................................................86
Voltage....................................................................89
Input Voltage and Limits...........................................89
Output Voltage and Limits ........................................90
Output Current and Limits ......................................93
Input Current and Limits...........................................95
Temperature............................................................96
Power Stage DCR Temperature Calibration...............96
Power Stage Temperature Limits..............................96
Timing ....................................................................97
Timing—On Sequence/Ramp...................................97
Timing—Off Sequence/Ramp...................................98
Precondition for Restart ...........................................99
Fault Response .......................................................99
Fault Responses All Faults ........................................99
Fault Responses Input Voltage................................ 100
Fault Responses Output Voltage ............................. 100
Fault Responses Output Current ............................. 103
Fault Responses IC Temperature............................. 104
Fault Responses External Temperature................... 105
Fault Sharing......................................................... 106
Fault Sharing Propagation....................................... 106
Fault Sharing Response .......................................... 108
Scratchpad ........................................................... 108
Identification......................................................... 109
Fault Warning and Status...................................... 110
Telemetry.............................................................. 116
NVM Memory Commands .................................... 120
Store/Restore ......................................................... 120
Fault Logging.......................................................... 121
Block Memory Write/Read...................................... 125
Package Description ................................... 126
Table 25. LTM4682 BGA Pinout .............................. 126
Package Description ................................... 127
Revision History ........................................ 129
Package Photos ......................................... 130
Design Resources ...................................... 130
Related Parts ............................................ 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com