Electronic Components Datasheet Search
  English  ▼

X  

LTM4686B Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4686B
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 14Page - Analog Devices LTM4686B Datasheet HTML 15Page - Analog Devices LTM4686B Datasheet HTML 16Page - Analog Devices LTM4686B Datasheet HTML 17Page - Analog Devices LTM4686B Datasheet HTML 18Page - Analog Devices LTM4686B Datasheet HTML 19Page - Analog Devices LTM4686B Datasheet HTML 20Page - Analog Devices LTM4686B Datasheet HTML 21Page - Analog Devices LTM4686B Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 130 page
background image
LTM4682
18
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
serial bus segment, every device must have its unique
subordinate address. If this pin is left open, the LTM4682
powers up to its default subordinate address of 0x4E
(hexadecimal), i.e., 1001110b (industry-standard conven-
tion is used throughout this document: 7-bit subordinate
addressing). The lower 4 bits of the LTM4682’s subor-
dinate address can be altered from this default value by
connecting a resistor from this pin to SGND. Minimize
capacitance—especially when the pin is left open—to
ensure accurate detection of the pin state. It is recom-
mended to use a resistor to set the address. The ASEL_01
address will be used to address Channels 0 and 1, and
a different ASEL_23 address will be used to address
Channels 2 and 3. For addressed ASEL_01, Page 0x00
corresponds to Channel 0 and Page 0x01 corresponds
to Channel 1. See PAGE description section. The GUI will
represent Channel 0 as U0:A0 and Channel 1 as U0:A1.
See the LTpowerPlay Screen Shot (Figure 31).
RUN0, RUN1 (B10, B11 Respectively): Enable Run Input
for Channels 0 and 1, Respectively. Open-drain input and
output. The logic high on these pins enables the respec-
tive outputs of the LTM4682. These open-drain output
pins hold the pin low until the LTM4682 is out of reset
and SVIN_01 is detected to exceed VIN_ON. A pull-up resis-
tor to 3.3V is required in the application. The LTM4682
pulls RUN0 and/or RUN1 low, as appropriate, when a
global fault and/or channel-specific fault occurs whose
fault response is configured to latch off and cease regula-
tion; issuing a CLEAR_FAULTS command through I2C or
power-cycling SVIN_01 is necessary to restart the module,
in such cases. Do not pull RUN logic high with a low
impedance source. The INTVCC is active when SVIN_01 is
above UVLO. This provides power to the VDD33 and VDD25
to allow programming the EEPROM.
SW0 (C1-C2, D1-D2, E1-E2): Switching Node of Channel 0
Step-Down Converter Stage. Used for test purposes or
EMI-snubbing. It may be routed a short distance to a local
test point to monitor the switching action of Channel 0,
if desired, but do not route near any sensitive signals.
Otherwise, leave electrically isolated (open).
VDD25_01 (C8): Internally Generated 2.5V Power Supply
Output Pin for Channels 0 and 1 Circuits. Do not load this
pin with external current; it is used strictly to bias internal
logic and provides current for the internal pull-up resis-
tors connected to the configuration-programming pins.
No external decoupling is required.
VTRIM1_CFG (C9): Output Voltage Select Pin for VOUT1,
Fine Setting. Works in combination with VOUT1_CFG to
affect the VOUT_COMMAND (and associated output volt-
age monitoring and protection/fault-detection thresholds)
of Channel 1, at SVIN_01 power-up. See VOUT1_CFG and
the Applications Information section. A resistor divider
from 2.5V to SGND connected to the pin will set the TRIM
value. See Table 2. Minimize capacitance especially when
the pin is left open to ensure accurate detection of the
pin state. Note that the use of RCONFIGs on VOUT1_CFG/
VTRIM1_CFG can affect the VOUT1 range setting (MFR_
PWM_MODE1[1]) and loop gain. For addressed ASEL_01,
Page 0x00 corresponds to Channel 0 and Page 0x01 cor-
responds to Channel 1. See PAGE description section.
SDA_01, SDA_23 (C10, V8): Serial Bus Data Open-Drain
Input and Output. A pull-up resistor to 3.3V is required in
the application. The SDA_01 is for Channels 0 and 1, and
SDA_23 is for Channels 2 and 3.
ALERT_01, ALERT_23 (C11, W8): Open-Drain Digital
Output. A pull-up resistor to 3.3V is required in the appli-
cation only if SMBALERT interrupt detection is imple-
mented in one’s SMBus system.
SHARE_CLK_01, SHARE_CLK_23 (D8, AA11): Share
Clock, Bidirectional Open-Drain Clock Sharing Pin.
Nominally 100kHz. Used for synchronizing the time
base between multiple LTM4682s (and any other Analog
Devices ICs with a SHARE_CLK pin)—to realize well-
defined rail sequencing and rail tracking. Connect the
SHARE_CLK pins of all such devices together. All devices
with a SHARE_CLK pin will synchronize to the fastest
clock. A pull-up resistor to 3.3V is only required when
synchronizing the time base between devices.
VTRIM0_CFG (D9): Output Voltage Select Pin for VOUT0,
Fine Setting. Works in combination with VOUT0_CFG to
affect the VOUT_COMMAND (and associated output volt-
age monitoring and protection/fault-detection thresholds)
of Channel 0, at SVIN_01 power-up. See VOUT0_CFG and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com