Electronic Components Datasheet Search
  English  ▼

X  

TDA3674 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3674
Description  Low dropout voltage/quiescent current 5 V voltage regulator with enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3674 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3674 Datasheet HTML 1Page - NXP Semiconductors TDA3674 Datasheet HTML 2Page - NXP Semiconductors TDA3674 Datasheet HTML 3Page - NXP Semiconductors TDA3674 Datasheet HTML 4Page - NXP Semiconductors TDA3674 Datasheet HTML 5Page - NXP Semiconductors TDA3674 Datasheet HTML 6Page - NXP Semiconductors TDA3674 Datasheet HTML 7Page - NXP Semiconductors TDA3674 Datasheet HTML 8Page - NXP Semiconductors TDA3674 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 Feb 01
2
Philips Semiconductors
Preliminary specification
Low dropout voltage/quiescent current 5 V
voltage regulator with enable
TDA3674
FEATURES
• Fixed 5 V, 100 mA regulator with enable function
• Supply voltage range up to 33 V (45 V)
• Very low quiescent current of 15 µA (typical value)
• Very low dropout voltage
• High ripple rejection
• Very high stability:
– Electrolytic capacitors: Equivalent Series Resistance
(ESR) < 38
Ω at IREG ≤ 25 mA
– Other capacitors: 100 nF at 200
µA ≤ IREG ≤ 100 mA.
• Pin compatible family TDA3672 to TDA3676
• Protections:
– Reverse polarity safe (down to
−25 V without high
reverse current)
– Negative transient of 50 V (RS =10 Ω, t < 100 ms)
– Able to withstand voltages up to 18 V at the output
(supply line may be short-circuited)
– ESD protection on all pins
– DC short-circuit safe to ground and VP of the
regulator output
– Temperature protection (at Tj > 150 °C).
GENERAL DESCRIPTION
The TDA3674 is a fixed 5 V voltage regulator with very low
dropout voltage and quiescent current, which operates
over a wide supply voltage range.
The IC is available as:
• TDA3674T: VP ≤ 33 V, −40 °C ≤ Tamb ≤ +85 °C and
SO8 package (non-automotive)
• TDA3674AT: VP ≤ 45 V, −40 °C ≤ Tamb ≤ +125 °C and
SO8 package (automotive).
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
regulator on
TDA3674T
3
14.4
33
V
TDA3674AT
3
14.4
45
V
Iq
quiescent supply current
VP = 14.4 V; IREG = 0 mA;
VI(EN) =5V
−
15
30
µA
Voltage regulator
VREG
regulator output voltage
8 V
≤ VP ≤ 22 V; IREG = 0.5 mA
4.8
5.0
5.2
V
6V
≤ V
P ≤ 45 V; IREG = 0.5 mA
4.75
5.0
5.25
V
0.5 mA
≤ IREG ≤ 100 mA;
VP = 14.4 V
4.75
5.0
5.25
V
VREG(drop)
dropout voltage
VP = 4.5 V; IREG = 50 mA;
Tamb ≤ 85 °C
−
0.18
0.3
V
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA3674T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TDA3674AT
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com