Electronic Components Datasheet Search
  English  ▼

X  

MD-60SN Datasheet(PDF) 2 Page - CUI Devices

Part # MD-60SN
Description  MINI DIN CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MD-60SN Datasheet(HTML) 2 Page - CUI Devices

  MD-60SN Datasheet HTML 1Page - CUI Devices MD-60SN Datasheet HTML 2Page - CUI Devices MD-60SN Datasheet HTML 3Page - CUI Devices MD-60SN Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CUI DEVICES | SERIES: MD-SN | DESCRIPTION: MINI DIN CONNECTOR
date 10/04/2023 | page 2 of 4
cuidevices.com
38.5 1.516
15.25 0.600
0.354
0.2
0.394
10.0
0
.
9
1
7
0
.
0
8
.
1
17.6 0.693
3.30.130
7
2
1
5
4
3 6
8
10.0 0.394
30.0 1.181
3.05 0.120
0.05 (2 PLCS)
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.1mm
MATERIAL
PLATING
shell (30~80)
iron
nickel
shell (90)
brass
nickel
contact terminals (1~9)
phosphor bronze
silver
plastic
nylon + fiber
6
2
1
4
3 5
7
7
2
1
5
4
3 6
8
5
2
1
4
3
6
3
1
5
2
4
3
2
1
4
1
2
3
MD-30SN
MD-40SN
MD-50SN
MD-60SN
MD-70SN
MD-80SN
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com