Electronic Components Datasheet Search
  English  ▼

X  

MD-XX Datasheet(PDF) 3 Page - CUI Devices

Part # MD-XX
Description  MINI DIN CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MD-XX Datasheet(HTML) 3 Page - CUI Devices

  MD-XX Datasheet HTML 1Page - CUI Devices MD-XX Datasheet HTML 2Page - CUI Devices MD-XX Datasheet HTML 3Page - CUI Devices MD-XX Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CUI DEVICES | SERIES: MD | DESCRIPTION: MINI DIN CONNECTOR
date 09/26/2022 | page 3 of 4
cuidevices.com
PIN DETAILS
1
2
3
4
3
3
1
2
4
2
MD-30~MD-80
MD-90
4
MD-30~MD-80
MD-90
MECHANICAL ASSEMBLY
60°
45°
0.9
45°
60°
72°
90°
2
1
3
3
4
2
2
3
STEP 1
solder wires to
housing (
4),
assemble metal
shield pieces (
3)
onto housing (
4)
STEP 2
assemble plastic
shell pieces (
2)
over metal
shield (
3)
STEP 3
slide cover (
1)
over plastic
shell (
2)
Note:
1. The mechanical assembly is a genral graphical representation only. Specific models will differ in actual appearance.
2. The metal shield for MD-90 is a single piece in which the pin housing slides into shield for assembly.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com