Electronic Components Datasheet Search
  English  ▼

X  

TDA3674AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA3674AT
Description  Low dropout voltage/quiescent current 5 V voltage regulator with enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3674AT Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA3674AT Datasheet HTML 1Page - NXP Semiconductors TDA3674AT Datasheet HTML 2Page - NXP Semiconductors TDA3674AT Datasheet HTML 3Page - NXP Semiconductors TDA3674AT Datasheet HTML 4Page - NXP Semiconductors TDA3674AT Datasheet HTML 5Page - NXP Semiconductors TDA3674AT Datasheet HTML 6Page - NXP Semiconductors TDA3674AT Datasheet HTML 7Page - NXP Semiconductors TDA3674AT Datasheet HTML 8Page - NXP Semiconductors TDA3674AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2000 Feb 01
3
Philips Semiconductors
Preliminary specification
Low dropout voltage/quiescent current 5 V
voltage regulator with enable
TDA3674
BLOCK DIAGRAM
handbook, halfpage
MGS597
REGULATOR
2, 3, 6, 7
1
GND
8
REG
VP
5
EN
BAND GAP
TDA3674
THERMAL
PROTECTION
Fig.1 Block diagram.
PINNING
Note
1. All GND pins are connected to the lead frame and can
also be used to reduce the total thermal resistance
Rth(j-a) by soldering these pins to a ground plane.
The ground plane on the top side of the PCB acts like
a heat spreader.
SYMBOL
PIN (SO8)
DESCRIPTION
REG
1
regulator output
GND
2, 3, 6 and 7
ground; note 1
n.c.
4
not connected
EN
5
enable input
VP
8
supply voltage
handbook, halfpage
1
2
3
4
8
7
6
5
MGS598
TDA3674
VP
GND
GND
GND
EN
n.c.
GND
REG
Fig.2 Pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com