Electronic Components Datasheet Search
  English  ▼

X  

8156147 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8156147
Description  Stepper motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8156147 Datasheet(HTML) 2 Page - Festo Corporation.

  8156147 Datasheet HTML 1Page - Festo Corporation. 8156147 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Nominal rotary speed
500 rpm
Max. rotational speed
1500 rpm
Max. mechanical speed
8000 rpm
Step angle with full step
1.8 deg
Step angle tolerance
±5%
Motor nominal power
83 W
Continuous stall current
5.8 A
Motor nominal current
5 A
Peak current
8 A
Motor constants
0.32 Nm/A
Voltage constant, phase
22.6 mVmin
Phase winding resistance
0.26 Ohm
Winding inductance phase
0.95 mH
Winding longitudinal inductivity Ld (phase)
1.75 mH
Cross inductivity Lq (phase)
0.95 mH
Electric time constant
3.7 ms
Thermal time constant
32 min
Thermal resistance
1.5 K/W
Measuring flange
200 x 200 x 15 mm, steel
Total output inertia moment
0.504 kgcm²
Product weight
1580 g
Permissible axial shaft load
15 N
Permissible radial shaft load
75 N
Rotor position sensor
Absolute encoder, single-turn
Rotor position sensor for manufacturer designation
Festo iC-MHM
Rotor position sensor interface
BiSS-C
Rotor position sensor measuring principle
Magnetic
Rotor position encoder for DC operating voltage
5 V
Rotor position encoder for DC operating voltage range
4.75 V ... 5.25 V
Rotor position encoder, sinusoidal/cosinusoidal periods per revolution
2
Rotor position encoder for positional values per revolution
65536
Rotor position sensor resolution
16 bit
Rotor position encoder system accuracy angle measurement
-65 arcsec ... 65 arcsec
Brake holding torque
1.74 Nm
Brake DC operating voltage
24 V
Brake current consumption
0.38 A
Brake power consumption
9 W
Brake coil resistance
63.8 Ohm
Brake coil inductivity
107 mH
Brake separation time
≤32 ms
Brake closing time
≤97 ms
DC brake response delay
≤11 ms
Max. brake no-load speed
8000 rpm
Max. brake friction work
6000 J
Brake mass moment of inertia
0.024 kgcm²
Switching cycles, holding brake
10 million idle actuations (without friction work!)
MTTF, subcomponent
687 years, rotor position encoder
8/19/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com