Electronic Components Datasheet Search
  English  ▼

X  

EM1104 Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM1104
Description  600mA, High PSRR, Low Noise LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1104 Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM1104 Datasheet HTML 1Page - Excelliance MOS Corp. EM1104 Datasheet HTML 2Page - Excelliance MOS Corp. EM1104 Datasheet HTML 3Page - Excelliance MOS Corp. EM1104 Datasheet HTML 4Page - Excelliance MOS Corp. EM1104 Datasheet HTML 5Page - Excelliance MOS Corp. EM1104 Datasheet HTML 6Page - Excelliance MOS Corp. EM1104 Datasheet HTML 7Page - Excelliance MOS Corp. EM1104 Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2015/12/24
A.2
2
EM1104
Pin Assignment
Pin Name Pin No.
Pin Function
VIN
1
Input Voltage. This is the source input to the power device that supplies current to
the output pin.
GND
2
Ground.
EN
3
Chip Enable Input (Active high).
NC
4
No Connection.
VOUT
5
Output Voltage. VOUT is power output pin. An internal pull low resistance exists
when the device is disabled. Minimum 1uF low ESR ceramic capacitor is required at
this pin for stabilizing VOUT voltage.
Function Block Diagram
Power On
Reset
Thermal
Protection
Current
Limit
+
VREF
5
VOUT
1
VIN
Control
Logic
3
EN
Soft Start
GND
Voltage
Reference
VREF
2
Absolute Maximum Ratings (Note1)
 V
IN
---------------------------------------------------------------------------------------------------
-0.3V to +6.0V
 Other Pins------------------------------------------------------------------------------------ -0.3V to (V
IN+0.3V)
 Power Dissipation, PD @ TA = 25
C, SOT23-5 ------------------------------------------------------- 0.4W
 Package Thermal Resistance, ΘJA, SOT23-5 (Note 2)--------------------------------------- 250
C/W
 Junction Temperature------------------------------------------------------------------------------------- 150
C
 Lead Temperature (Soldering, 10 sec.)-------------------------------------------------------------- 260
C
 Storage Temperature -------------------------------------------------------------------------
65C to 150C
 ESD susceptibility (Note3)
HBM (Human Body Mode)------------------------------------------------------------------------------
2KV
MM (Machine Mode)--------------------------------------------------------------------------------------
200V
Recommended Operating Conditions (Note4)
 Supply Input Voltage, V
IN ---------------------------------------------------------------------
+2.5V to +5.5V
 Junction Temperature --------------------------------------------------------------------------
40C to 125C
 Ambient Temperature ----------------------------------------------------------------------------
40C to 85C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com