Electronic Components Datasheet Search
  English  ▼

X  

EM1109BV Datasheet(PDF) 16 Page - Excelliance MOS Corp.

Part # EM1109BV
Description  1A Low Dropout and Adjustable Mode Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1109BV Datasheet(HTML) 16 Page - Excelliance MOS Corp.

Back Button EM1109BV Datasheet HTML 8Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 9Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 10Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 11Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 12Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 13Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 14Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 15Page - Excelliance MOS Corp. EM1109BV Datasheet HTML 16Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
EM1109BV
2020/12/30
A.1
16
Tape&Reel Information: 3000pcs/Reel
ψ
ψ
9.0 ± 0.3
11.4 ± 1.0
60 ±
1
1.35 ± 1
產品別
DFN3.0X3.0-08 ( EM1109BV )
Reel 尺寸
7”
編帶方式
前空格
50
後空格
50
裝箱數
滿捲數量
3K
捲/內盒比
5 : 1
內盒滿箱數
15K
內/外箱比
12 : 1
外箱滿箱數
180K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com