Electronic Components Datasheet Search
  English  ▼

X  

EM5845 Datasheet(PDF) 10 Page - Excelliance MOS Corp.

Part # EM5845
Description  5V, 3.5A, 1MHz, High Efficiency COT Mode Synchronous Buck Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5845 Datasheet(HTML) 10 Page - Excelliance MOS Corp.

Back Button EM5845 Datasheet HTML 5Page - Excelliance MOS Corp. EM5845 Datasheet HTML 6Page - Excelliance MOS Corp. EM5845 Datasheet HTML 7Page - Excelliance MOS Corp. EM5845 Datasheet HTML 8Page - Excelliance MOS Corp. EM5845 Datasheet HTML 9Page - Excelliance MOS Corp. EM5845 Datasheet HTML 10Page - Excelliance MOS Corp. EM5845 Datasheet HTML 11Page - Excelliance MOS Corp. EM5845 Datasheet HTML 12Page - Excelliance MOS Corp. EM5845 Datasheet HTML 13Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2016/02/24
A.2
10
EM5845
Functional Description
Theory of Operation
The EM5845 is a step-down dc-dc regulator that
uses pseudo-fixed frequency constant-on-time
control architecture with integrated high-side
switch and low-side synchronous rectifier. The high
switch frequency and tiny 3X3-10 pin DFN package
enables the user to optimize the solution for
minimum board space and efficiency.
The
buck
regulator
employs
pseudo-fixed
frequency constant-on time control. This control
method allows fast transient response than
traditional current-mode control scheme thereby
reducing the total component count due to
lowering the size of the output capacitance.
Constant On-Time Control
The PWM control scheme used by constant
on-time control, the high side switch on-time is
determined by internal pulse generator. The pulse
period is determined by VO and VIN information
from VIN and SW pin; the period is proportional to
output voltage and inversely proportional to input
voltage. The advantages of this control scheme are
such as fast transient response, without external
compensation and less output component count
than other control method.
Light Load Power Saving Mode
The EM5845 offers an automatic pulse-skipping
mode in order to provide excellent light load
efficiency. The regulator senses the zero current
point when the low-side gate is turned on and
prevents the negative current flow by turning off
the low-side gate signal. This saves power by
eliminating re-circulation of the inductor current.
When the low-side MOS is turned off, the regulator
will enter discontinuous mode that reducing the
switching
loss
due
to
switching
frequency
decreased. During this time, both power switches
are shut off, and the output capacitor supplies all
light load current. Because the output voltage dips
and recovers occasionally, the output voltage ripple
in this mode is larger than the ripple in the heavy
load operation.
Soft-Start and Soft-Stop Function
The EM5845 has built-in soft-start function that
ramps up the output voltage at constant slew rate
to avoid output overshooting at start-up. The
internal soft-start time is typically about 1ms.
The output soft-stop operation is active when the
EN from high to low. An internal discharge resistor
typically 100Ω is enabled in this condition to
discharge the output capacitor through SW pin.
Chip Enable
When the input voltage exceeds the under voltage
lockout (UVLO) threshold 2.4V typically, the
EM5845 will be enabled by pulling the EN pin high.
Leaving the EN pin floating or grounded will disable
the chip. There is an internal 1MΩ resistor from the
EN pin to ground.
Input UVLO Protection on VCC and VIN
The EM5845 has input under voltage lockout
protection (UVLO), if the input voltage exceeds the
UVLO on threshold 2.4V typically, and there is
typically a 500us delay for internal circuit waking up
then soft-start begins. The device will shut off if VCC
or VIN falls below UVLO level.
Current limit Protection
The EM5845 has a minimum 4.8A current limit
level for high side switch. If the internal high side
sensing current is above this level, the FET will stop
switching immediately and low-side FET will be
turned on until the current level drops below the
hysteresis window of current limit level.
Output Under-Voltage Protection
Output
under-voltage
protection
works
in
conjunction with the current limit protection. If the
FB voltage drops below 50% internal VREF, after a
delay of 7.5us, the converter will be latched off.
Under-voltage protection can be released by
toggling the EN/VIN or VCC.
Output Over-Voltage Protection
If the FB voltage above 130% internal VREF, after a
delay of 7.5us, the converter will be latched off.
Over-voltage protection can be released by toggling
the EN/VIN or VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com