Electronic Components Datasheet Search
  English  ▼

X  

EMF04P02H Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMF04P02H
Description  P‐Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF04P02H Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMF04P02H Datasheet HTML 1Page - Excelliance MOS Corp. EMF04P02H Datasheet HTML 2Page - Excelliance MOS Corp. EMF04P02H Datasheet HTML 3Page - Excelliance MOS Corp. EMF04P02H Datasheet HTML 4Page - Excelliance MOS Corp. EMF04P02H Datasheet HTML 5Page - Excelliance MOS Corp. EMF04P02H Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
2016/10/3
p.4
EMF04P02H
-V - Gate-Source Voltage( V )
0.5
0
30
GS
1.0
1.5
V = - 5V
60
90
120
DS
2.5
2.0
3.0
125°C
25°C
Transfer Characteristics
T = -55°C
A
T   = 25°C
‐ V   ‐ Gate‐Source Voltage( V )
0.008
0
0
0.004
0.012
1
GS
2
A
0.024
0.016
0.020
0.028
A
T   = 125°C
3
45
I   = ‐ 20A
D
On‐Resistance Variation with Gate‐Source Voltage
I      = ‐ 20 A
T   ‐ Junction Temperature (°C)
‐50
0.4
0.7
1.0
J
‐25
0
25
50
D
V     = ‐ 4.5V
1.3
1.6
1.9
GS
150
100
75
125
On‐Resistance Variation with Temperature
‐V   ‐ Drain‐Source Voltage( V )
0
0
50
1
DS
200
100
150
‐3.0V
‐2.5V
23
4
‐4.0V
‐3.5V
V   = ‐4.5 V
GS
Typical output characteristics
‐1.8V
5
Body Diode Forward Voltage Variation
with Source Current and Temperature
25°C
T   = 125°C
‐V   ‐ Body Diode Forward Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V    = 0V
1
10
100
A
GS
1.0
0.8
1.2
‐55°C
1.4
‐2.5V
‐3.5V
‐4.5V
VGS= ‐1.8V
0
40
80
120
200
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
‐ ID, Drain Current( A )
On‐Resistance Variation with Drain Current and Gate Voltage
160
‐4.0V
‐3.0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com