Electronic Components Datasheet Search
  English  ▼

X  

35199/40 Datasheet(PDF) 2 Page - Alpha Wire

Part # 35199/40
Description  22 (7/30) AWG Tinned Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

35199/40 Datasheet(HTML) 2 Page - Alpha Wire

  35199/40 Datasheet HTML 1Page - Alpha Wire 35199/40 Datasheet HTML 2Page - Alpha Wire 35199/40 Datasheet HTML 3Page - Alpha Wire 35199/40 Datasheet HTML 4Page - Alpha Wire 35199/40 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
Diameters (In)
1) Component 1
40 X 1 COND
 
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.050
(1) Color Code
Alpha Wire Color Code E
Cond Color
Cond Color
Cond Color
1
BLACK
15
WHITE/YELLOW
29
WHITE/BROWN/ORANGE
2
BROWN
16
WHITE/GREEN
30
WHITE/BROWN/YELLOW
3
RED
17
WHITE/BLUE31
WHITE/BROWN/GREEN
4
ORANGE
18
WHITE/VIOLET
32
WHITE/BROWN/BLUE
5
YELLOW
19
WHITE/SLATE
33
WHITE/BROWN/VIOLET
6
GREEN
20
WHITE/BLACK/BROWN
34
WHITE/BROWN/SLATE
7
BLUE
21
WHITE/BLACK/RED
35
WHITE/RED/ORANGE
8
VIOLET
22
WHITE/BLACK/ORANGE
36
WHITE/RED/YELLOW
9
SLATE
23
WHITE/BLACK/YELLOW
37
WHITE/RED/GREEN
10
WHITE
24
WHITE/BLACK/GREEN
38
WHITE/RED/BLUE
11
WHITE/BLACK
25
WHITE/BLACK/BLUE
39
WHITE/RED/VIOLET
12
WHITE/BROWN
26
WHITE/BLACK/VIOLET
40
WHITE/RED/SLATE
13
WHITE/RED27
WHITE/BLACK/SLATE
 
14
WHITE/ORANGE
28
WHITE/BROWN/RED
 
2) Cable Assembly
40 Components Cabled
 
a) Twists:
2.3 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Clear Mylar Tape, 20% Overlap, Min.
 
3) Shield:
Alum/Mylar Tape, 20% Overlap, Min.
 
a) Foil Direction
Foil Facing In
 
b) Drain Wire
22 (7/30) AWG Tinned Copper
 
4) Jacket
0.032" Wall, Nom.,Polyethylene (PE)
0.436 (0.459 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 35199/40 40C 22 AWG
XTRAGUARD(R) 3 80C 300 VOLTS CE ROHS
(SEQ FOOTAGE)
* = Factory Code
Applicable Specifications
1) CE:
EU Low Voltage Directive 2014/35/EU
Environmental



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com