Electronic Components Datasheet Search
  English  ▼

X  

EE16 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # EE16
Description  Rapid Transformer Sample Service
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EE16 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  EE16 Datasheet HTML 1Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rapid Transformer Sample Service
EE16(H), 8 pin Bobbin
Mechanical Drawing
21.4 max
0.75 sq
4
5
18.7 max
12
3
4
4.7 max
PCB Layout
3.75
7.5
TOP VIEW
12
3
4
5
6
7
8
UNIT:mm


Similar Part No. - EE16

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
EE16-K-H-10P-SW FERYSTER-EE16-K-H-10P-SW Datasheet
593Kb / 1P
PHENOLIC-UL-94V0 CP WIRE
EE16-K-H-10P-SW-AW FERYSTER-EE16-K-H-10P-SW-AW Datasheet
155Kb / 1P
BOBBIN MATERIAL: PHENOLIC PIN MATERIAL UL REC
EE16-K-H-10P-TF1626 FERYSTER-EE16-K-H-10P-TF1626 Datasheet
159Kb / 1P
PHOSPHOR BRONZE
EE16-K-H-12P-15 FERYSTER-EE16-K-H-12P-15 Datasheet
388Kb / 1P
FERYSTER 짰 TRANSFORMERS
EE16-K-H-8P-SW FERYSTER-EE16-K-H-8P-SW Datasheet
145Kb / 1P
BOBBIN MATERIAL PIN MATERIAL UL REC
More results

Similar Description - EE16

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EE13 POWERINT-EE13 Datasheet
150Kb / 1P
Rapid Transformer Sample Service
EE19V POWERINT-EE19V Datasheet
152Kb / 1P
Rapid Transformer Sample Service
logo
Baumer IVO GmbH & Co. K...
Z10002A IVO-Z10002A Datasheet
177Kb / 1P
Accessories & Service
Z10004A IVO-Z10004A Datasheet
181Kb / 1P
Accessories & Service
Z10704A IVO-Z10704A Datasheet
167Kb / 1P
Accessories & Service
Z119023 IVO-Z119023 Datasheet
219Kb / 1P
Accessories & Service
Z119037 IVO-Z119037 Datasheet
164Kb / 1P
Accessories & Service
Z139006 IVO-Z139006 Datasheet
201Kb / 1P
Accessories & Service
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
logo
Festo Corporation.
8098371 FESTO-8098371 Datasheet
74Kb / 1P
Service unit
11/29/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com