Electronic Components Datasheet Search
  English  ▼

X  

NEX10001UB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # NEX10001UB
Description  220 mA dual output LCD bias power supply
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX10001UB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  NEX10001UB Datasheet HTML 1Page - Nexperia B.V. All rights reserved NEX10001UB Datasheet HTML 2Page - Nexperia B.V. All rights reserved NEX10001UB Datasheet HTML 3Page - Nexperia B.V. All rights reserved NEX10001UB Datasheet HTML 4Page - Nexperia B.V. All rights reserved NEX10001UB Datasheet HTML 5Page - Nexperia B.V. All rights reserved NEX10001UB Datasheet HTML 6Page - Nexperia B.V. All rights reserved NEX10001UB Datasheet HTML 7Page - Nexperia B.V. All rights reserved NEX10001UB Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX10001UB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Nexperia
NEX10001UB
220 mA dual output LCD bias power supply
8. Device comparison
Table 4. Device Comparison
Type number
Output current (IOUT)
NEX10001UB
220 mA
NEX10000UB[1]
80 mA
[1] Please see detail parameters from NEX10000UB data sheet.
9. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VI
input voltage
pins ENN, ENP, VIN
-0.3
+5.5
V
pin OUTN
-7
+0.3
V
VO
output voltage
pin OUTP
-0.3
+7.0
V
pins SCL, SDA
-0.3
+5.5
V
pins CFLY1, REG
-0.3
+7.1
V
pin SW
-0.3
+7.5
V
VIO
input/output voltage
pin CFLY2
-7
+0.3
V
Tj
junction temperature
-40
+150
°C
Tamb
ambient temperature
-40
+85
°C
Tstg
storage temperature
-65
+150
°C
ESD ratings
HBM: ANSI/ESDA/JEDEC JS-001 class 2
-
±2000
V
VESD
electrostatic discharge
CDM: ANSI/ESDA/JEDEC JS-002 class C2a
-
±500
V
10. Recommended operating conditions
Table 6. Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VIN
input voltage
supply voltage pin VIN
2.7
-
5.0
V
IO
output current
[1]
-
-
220
mA
L
inductor
2.2
-
4.7
µH
CO
output capacitance
pins OUTN, OUTP, REG
4.7
10
-
µF
CIO
input/output capacitance
pins CFLY1, CFLY2
2.2
-
4.7
µF
CI
input capacitance
pin VIN
-
4.7
-
µF
Tamb
ambient temperature
-40
-
+85
°C
Tj
junction temperature
-40
-
+125
°C
[1] to support IPOS + INEG > 360 mA, VIN ≥ 3 V is required.
NEX10001UB
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 2 — 20 December 2023
4 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com