Electronic Components Datasheet Search
  English  ▼

X  

EP-10 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # EP-10
Description  15W, Universal Input, Single Output, Isolated Converter with TOP233Y
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EP-10 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button EP-10 Datasheet HTML 16Page - Power Integrations, Inc. EP-10 Datasheet HTML 17Page - Power Integrations, Inc. EP-10 Datasheet HTML 18Page - Power Integrations, Inc. EP-10 Datasheet HTML 19Page - Power Integrations, Inc. EP-10 Datasheet HTML 20Page - Power Integrations, Inc. EP-10 Datasheet HTML 21Page - Power Integrations, Inc. EP-10 Datasheet HTML 22Page - Power Integrations, Inc. EP-10 Datasheet HTML 23Page - Power Integrations, Inc. EP-10 Datasheet HTML 24Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Engineering Prototype Report
EPR-00010
Page 21 of 24
8.8 Surge Voltage
8.8.1 Differential = line-to-line (L-N), 2 ohm source impedance.
The unit exceeded the 1kV IEC/UL 1000-4-5 Class 3 requirement (meets Class 4, 2kV).
The CX1 capacitor failed after more than 20 2.5kV surges.
During the 2.5kV surge, the unit turns off for approximately 1.8 seconds.
Figure 8.8.1 C1 (DC bus) voltage after the 2.5kV surge.
8.8.2 Common mode = line-to-ground (L-GND, N-GND), 12 ohm source impedance
The unit exceeded the IEC/UL 1000-4-5 Class 3, 2kV and Class 4, 4kV requirements.
The maximum test voltage was 6kV. During the 6kV surges, the unit continues to operate.
The unit was centered on the insulation side of a 6 in x 4 in single sided copper clad
board (1/16 in insulation), to avoid surface or insulation breakdown during the voltage
surges. The voltage was applied between the input terminals of the unit (L or N) and the
copper clad ground plane (GND), in the following sequence:
L(+6kV) to GND , 5 times
L(-6kV) to GND , 5 times
N(+6kV) to GND , 5 times
N(-6kV) to GND , 5 times
DC voltage level at
230Vac, 60 Hz.
ON
OFF
ON
100V/div, 500msec/div
Power Supply State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com