Electronic Components Datasheet Search
  English  ▼

X  

TMR3003 Datasheet(PDF) 2 Page - MultiDimension Technology Co.,Ltd.

Part # TMR3003
Description  TMR3003 TMR High Magnetic Field Dual-Axis Angle Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

TMR3003 Datasheet(HTML) 2 Page - MultiDimension Technology Co.,Ltd.

  TMR3003 Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. TMR3003 Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. TMR3003 Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. TMR3003 Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MultiDimension Technology Co., Ltd.
Page 2 of 4
Web: www.dowaytech.com/en, Email: info@dowaytech.com
MDT TMR3003
No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R. China
Ver. 1.0a
The following chart show a typical sensor output as a function of the angle of the applied magnetic
field using a 6 mm diameter, 2.5 mm thick magnet and a 1 V supply.
Pinout
(Bottom View)
(Top view)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com