Electronic Components Datasheet Search
  English  ▼

X  

85650 Datasheet(PDF) 2 Page - Alpha Wire

Part # 85650
Description  16 (168(7x24)/38) AWG Bare Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

85650 Datasheet(HTML) 2 Page - Alpha Wire

  85650 Datasheet HTML 1Page - Alpha Wire 85650 Datasheet HTML 2Page - Alpha Wire 85650 Datasheet HTML 3Page - Alpha Wire 85650 Datasheet HTML 4Page - Alpha Wire 85650 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
Diameters (In)
1) Component 1
50 X 1 COND
 
a) Conductor
16 (168(7x24)/38) AWG Bare Copper
0.067
b) Insulation
0.022" Wall, Nom. PVC
0.111
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color(s)
 
 
Cond Color
Cond Color
Cond Color
1
RED #1 18
RED #18 35
RED #36
2
RED #2 19
RED #19 36
RED #36
3
RED #3 20
RED #20 37
RED #37
4
RED #4 21
RED #21 38
RED #38
5
RED #5 22
RED #22 39
RED #39
6
RED #6 23
RED #23 40
RED #40
7
RED #7 24
RED #24 41
RED #41
8
RED #8 25
RED #25 42
RED #42
9
RED #9 26
RED #26 43
RED #43
10
RED #10 27
RED #27 44
RED #44
11
RED #11 28
RED #28 45
RED #45
12
RED #12 29
RED #29 46
RED #46
13
RED #13 30
RED #30 47
RED #47
14
RED #14 31
RED #31 48
RED #48
15
RED #15 32
RED #32 49
RED #49
16
RED #16 33
RED #33 50
YELLOW/GREEN/GREEN
17
RED #17 34
RED #34
 
2) Cable Assembly
50 Components Cabled
 
a) Twists:
1.3 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
REMAY Tape, 25% Overlap, Min.
 
3) Jacket
0.085" Wall, Nom.,PVC, Oil Resistant
1.161+/- 0.052
a) Color(s)
BLACK
b) Jacket Separator
Tissue Tape, 25% Overlap, Min.
 
c) Print
ALPHA WIRE-* P/N 85650 50C 16 AWG
XTRAGUARD(R) CONTINUOUS FLEX CONTROL CABLE
RU AWM 2587 CONSTANT FLEXING OR CRU
AWM I/II A/B FT1 90C 600V
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com