Electronic Components Datasheet Search
  English  ▼

X  

BAS40-05-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAS40-05-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS40-05-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAS40-05-HF Datasheet HTML 1Page - Comchip Technology BAS40-05-HF Datasheet HTML 2Page - Comchip Technology BAS40-05-HF Datasheet HTML 3Page - Comchip Technology BAS40-05-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Rating and Characteristic Curves (BAS40-xx-HF Series)
Parameter
Symbol
Conditions
Max
Unit
Min
Forward voltage
IF = 40mA
VF
380
mV
Reverse voltage leakage current
VR = 30V
IR
nA
1000
Diode capacitance
CJ
pF
5
VR = 0V, f = 1MHz
Reverse recovery time
trr
ns
Irr = 0.5mA, IR = IF = 5mA, RL = 100Ω
5
IF = 1mA
200
Reverse breakdown voltage
IR = 10μA
V(BR)
40
V
Fig.1 - Typical Instantaneous
Forward Characteristics
0
0.01
10
50
200
100
150
Reverse Voltage, (V)
10
0.1
1
25
15
Fig.2 - Typical Reverse Characteristics
Instantaneous Forward Current, (mA)
1200
0
600
20
30
Comchip Technology CO., LTD.
REV:A
Page 2
800
1000
200
400
TJ=100°C
TJ=75°C
TJ=25°C
TJ=50°C
TJ=100°C
TJ=75°C
TJ=50°C
TJ=25°C
QW-JA023
Small Signal Schottky Diodes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com