Electronic Components Datasheet Search
  English  ▼

X  

BAT54ST-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAT54ST-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAT54ST-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAT54ST-HF Datasheet HTML 1Page - Comchip Technology BAT54ST-HF Datasheet HTML 2Page - Comchip Technology BAT54ST-HF Datasheet HTML 3Page - Comchip Technology BAT54ST-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Symbol
Conditions
Max
Unit
Page 2
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
REV:A
Min
Small Signal Schottky Diodes
Rating and Characteristic Curves (BAT54xT-HF Series)
QW-JA015
Reverse current
(Note 2)
VR = 25V
IR
μA
Capacitance between terminals
CT
pF
2
5
VR = 1V, f = 1MHz
Reverse recovery time
trr
ns
IF = IR = 10mA, Irr = 0.1 x IR, RL = 100Ω
10
Reverse breakdown voltage
IR = 100μA
V(BR)
30
V
Forward voltage
(Note 1)
IF = 10mA
VF
0.40
V
IF = 0.1mA
IF = 1mA
IF = 100mA
IF = 30mA
0.32
1.00
0.50
0.24
Fig.3 - Capacitance vs Reverse Voltage
0
30
20
0
15
Reverse Voltage, VR (V)
10
10
15
5
25
5
Fig.4 - Derating Curve (PD-TA)
0
125
100
0
Ambient temperature, TA (°C)
50
100
200
75
25
250
50
150
TA=25°C
f=1MHz
Fig.2 - Typical Forward Characteristic
0
600
5
0.01
10
200
10
30
15
20
Reverse Voltage, VR (V)
300
0.1
1
400
200
Fig.1 - Typical Reverse Characteristic
Forward Voltage, VF (mV)
100
0.1
1
10
500
100
100
25
TA=75°C
TA=25°C
TA=100°C
TA=125°C
500
TA=25°C
TA=100°C
TA=125°C
Notes: 1. Pulse test, tp ≤ 300µs.
2. Pulse test, tp ≤ 5ms.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com