Electronic Components Datasheet Search
  English  ▼

X  

SPVP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPVP
Description  Low-profile One-way Detector Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPVP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPVP Datasheet HTML 1Page - List of Unclassifed Manufacturers SPVP Datasheet HTML 2Page - List of Unclassifed Manufacturers SPVP Datasheet HTML 3Page - List of Unclassifed Manufacturers SPVP Datasheet HTML 4Page - List of Unclassifed Manufacturers SPVP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Detector
254
Power
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
Multi Control
Devices
TACT
Custom-
Products
The 2mm long stroke made the thin 1.2mm profile possible.
Applications
Low-profile:only 1.2mm from the print substrate's
installation surface.
Available for reflow soldering.
The double-sided sliding contact provides high reliability.
●
●
●
Features
For detection mechanisms in electronic devices, including
DSCs, audio players, and camcorders
●
Operating life
1mA 5V DC
0.55N max.
5
Ω max./10Ω max.
50,000 cycles
Rating
(max.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial performance/After lifetime)
Operating force
50,000 cycles
(1mA 5V DC)
Without load
With load
Typical Specifications
Products Line
Poles
1
1
For PC board
(Reflow)
Positions
Products No.
Terminal style
With
Without
Location lug
4,500
Minimum packing
unit
(pcs.)
SPVP110100
SPVP120100
For other detailed specifications, see P.303
For specifications for the taping package, see P.307
Car Use
Low-profile One-way Detector Switch
SPVP Series


Similar Part No. - SPVP

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVP ALPS-SPVP Datasheet
187Kb / 3P
Low-profile One-way Operation Type
SPVP110100 ALPS-SPVP110100 Datasheet
187Kb / 3P
Low-profile One-way Operation Type
SPVP120100 ALPS-SPVP120100 Datasheet
187Kb / 3P
Low-profile One-way Operation Type
More results

Similar Description - SPVP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVM ETC2-SPVM Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
SPVE ETC2-SPVE Datasheet
102Kb / 5P
Compact One-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPPW8 ALPS-SPPW8 Datasheet
305Kb / 4P
One-way Operation Type
SPVC1 ALPS-SPVC1 Datasheet
152Kb / 2P
One-way Operation Type
SPVP ALPS-SPVP Datasheet
187Kb / 3P
Low-profile One-way Operation Type
SPPW8 ALPS-SPPW8_15 Datasheet
825Kb / 4P
One-way Operation Type
logo
Shenzhen Huazhimei Semi...
HM74HC4052 HMSEMI-HM74HC4052 Datasheet
475Kb / 14P
Two way four choose one analog switch
logo
Festo Corporation.
151174 FESTO-151174 Datasheet
93Kb / 2P
One-way flow control valve
151184 FESTO-151184 Datasheet
92Kb / 2P
One-way flow control valve
151196 FESTO-151196 Datasheet
92Kb / 1P
One-way flow control valve
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com