Electronic Components Datasheet Search
  English  ▼

X  

TDA3867 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3867
Description  Quasi-split sound processor with two FM demodulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3867 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3867 Datasheet HTML 4Page - NXP Semiconductors TDA3867 Datasheet HTML 5Page - NXP Semiconductors TDA3867 Datasheet HTML 6Page - NXP Semiconductors TDA3867 Datasheet HTML 7Page - NXP Semiconductors TDA3867 Datasheet HTML 8Page - NXP Semiconductors TDA3867 Datasheet HTML 9Page - NXP Semiconductors TDA3867 Datasheet HTML 10Page - NXP Semiconductors TDA3867 Datasheet HTML 11Page - NXP Semiconductors TDA3867 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
January 1992
8
Philips Semiconductors
Preliminary specification
Quasi-split sound processor with two FM demodulators
TDA3867T
Limiting amplifiers (pins 18 and 22)
Vi
minimum input signal (RMS value)
−3 dB AF signal
−
300
450
µV
maximum input signal (RMS value)
200
−−
mV
R18, 22
input resistance
−
560
−Ω
V18, 22
DC voltage
−
0
−
V
Vi
level detector threshold for no muting
(RMS value, pin 22)
only 5.74 MHz channel
−
1
−
mV
∆V
i
hysteresis of level detector
−
5
−
dB
Tracking automatic frequency control (AFC) of the vision carrier reference circuit.
Vo
tracking output voltage range (pin 16)
note 5
VP1−3.3 −
VP1−1V
FTR
tracking reducing factor for
black picture
−
9
−
white test picture
−
4
−
50 % grey picture
−
6
−
S
AFC steepness (open loop) for
black picture
−−8
−
mV/kHz
white test picture
−−3
−
mV/kHz
50 % grey picture
−−5.5
−
mV/kHz
FM1 and FM2 demodulators
Measurements with FM IF input signals of 5.5 MHz and 5.74 MHz with Vi IF (rms) = 10 mV (fmod = 1 kHz, deviation
∆f= ± 50 kHz) on pins 18 and 22 without ceramic filters, RS =50 Ω.
De-emphasis of 50
µs and V5 =VP (B/G standard). QL−factor = 11 for resonant circuits at pins 7-8 and 11-12.
VIC
intercarrier signals
(RMS values, pins 7-8 and 11-12)
−
100
−
mV
VDC
DC voltage (pins 7, 8, 11 and 12)
−
1.8
−
V
Vo
AF output signals
(RMS values, pins 9 and 10)
0.75
0.95
1.20
V
∆Vo
difference of AF signals
between channels (pins 9 and 10)
pin 6 open-circuit;
note 2
−−
1dB
R9, 10
output resistance
−
100
−Ω
V9, 10
DC voltage
−
2.1
−
V
I9, 10
allowed AC current of emitter output
(peak value)
note 3
−−
±1.5
mA
maximum allowed DC output current
−−
−2mA
THD
total harmonic distortion
−
0.5
1.0
%
Vo
AF output signal (RMS value)
THD = 1.5 %
1.25
−−
V
α
AM
AM suppression
1 kHz, m = 0.3
48
54
−
dB
S/N(W)
weighted signal-to-noise ratio
CCIR 468-3
64
68
−
dB
B
AF bandwidth
−3 dB
0.02
−
100
kHz
αCR
crosstalk attenuation (pins 9-10)
60
70
−
dB
V6
adjusting voltage for AF2 signal (pin 6)
note 4
0
−
5V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com