Electronic Components Datasheet Search
  English  ▼

X  

A19300LUBATN-RNBGA Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A19300LUBATN-RNBGA
Description  ASIL-Compliant Hall-Effect Wheel Speed Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19300LUBATN-RNBGA Datasheet(HTML) 5 Page - Allegro MicroSystems

  A19300LUBATN-RNBGA Datasheet HTML 1Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 2Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 3Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 4Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 5Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 6Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 7Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 8Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
with Speed and Direction Output
A19300
5
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.[1]
Max.
Unit
ELECTRICAL CHARACTERISTICS
Supply Voltage [2]
VCC
Potential between pin 1 and pin 2
4
–
24
V
Undervoltage Lockout
VCC(UV)
VCC 0 V → 5 V or 5 V → 0 V
–
3.6
3.95
V
Reverse Supply Current [3]
IRCC
VCC = VRCC(max)
–10
–
–
mA
Supply Zener Clamp Voltage
VZsupply
ICC = 11.4 mA, TA = 25°C, potential between
pin 1 and pin 2
28
–
–
V
Supply Current
ICC(LOW)
Low-current state
5.9
7
8.4
mA
ICC(HIGH)
High-current state
12
14
16
mA
Supply Current Ratio [4]
ICC(HIGH) /
ICC(LOW)
Measured as ratio of high current to low current
(isothermal)
1.9
–
–
–
ASIL Safety Current
IRESET
Refer to Figure 10
1.5
3.5
3.9
mA
ASIL Safety Current Time
tRESET
Refer to Figure 10
5
–
–
ms
Output Rise/Fall Time
tr, tf
Voltage measured at terminal 2 in Figure 1,
RL = 100 Ω, CL = 10 pF, measured between
10% and 90% of ICC(LOW) and ICC(HIGH) [5]
0
–
1.5
μs
POWER-ON CHARACTERISTICS
Power-On State
POS
VCC > VCC(min), as connected in Figure 1
ICC(LOW)
mA
Power-On Time [6]
tPO
VCC > VCC(min), as connected in Figure 1
–
0.25
1
ms
OUTPUT PULSE CHARACTERISTICS, PULSE PROTOCOL [6]
Pulse Width Off Time
tW(PRE)
Refer to Figure 8
38
45
52
μs
Forward Pulse Width
tW(FWD)
-xNxx variant
38
45
52
μs
-xWxx variant
76
90
104
μs
Reverse Pulse Width
tW(REV)
-xNxx and -xWxx variant
153
180
207
μs
Warning Pulse Width
tW(WARN)
-xxPx variant
38
45
52
μs
Standstill Pulse Width
tW(STILL)
-xxPx variant
1232
1440
1656
μs
Standstill Period
tSTOP
-xxPx variant
590
737
848
ms
OPERATING CHARACTERISTICS: Valid throughout full operating and temperature ranges, unless otherwise specified
Continued on next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com